Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

INLC10AQ-R4.5 Datasheet(PDF) 21 Page - inova Semiconductors

Part # INLC10AQ-R4.5
Description  Smart LED Driver & Controller
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INOVA [inova Semiconductors]
Direct Link  https://inova-semiconductors.de/
Logo INOVA - inova Semiconductors

INLC10AQ-R4.5 Datasheet(HTML) 21 Page - inova Semiconductors

Back Button INLC10AQ-R4.5 Datasheet HTML 17Page - inova Semiconductors INLC10AQ-R4.5 Datasheet HTML 18Page - inova Semiconductors INLC10AQ-R4.5 Datasheet HTML 19Page - inova Semiconductors INLC10AQ-R4.5 Datasheet HTML 20Page - inova Semiconductors INLC10AQ-R4.5 Datasheet HTML 21Page - inova Semiconductors INLC10AQ-R4.5 Datasheet HTML 22Page - inova Semiconductors INLC10AQ-R4.5 Datasheet HTML 23Page - inova Semiconductors INLC10AQ-R4.5 Datasheet HTML 24Page - inova Semiconductors INLC10AQ-R4.5 Datasheet HTML 25Page - inova Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 35 page
background image
Datasheet
DS_INLC10AQ Revision 1.0_B
Inova Semiconductors Confidential
Page 21 of 35
4.1.8 Timeouts
The digLED_Init_Strip, all the digLED_Read, and the digLED_Ping commands initiate upstream data
transmission. With the digLED_Init_Strip and the read commands all nodes are expected to send a
response to the host. The digLED_Ping requires only the last node in the LED chain to respond. However,
in all cases each node needs to await all responses originating from the nodes downstream. Thereafter
either the node’s own response is transmitted or new commands are accepted. Only the last node in the
LED chain may immediately transmit its response.
In case there is an error with the chain downstream, not all expected responses may arrive. Thus, each of
the commands expecting a response waits for a certain time only and then returns to its previous state
without having transmitted the node’s response data.
The lengths of the timeouts depend on the respective command. They are calculated to account for the
worst-case oscillator frequency tolerance. I.e. the waiting node has a high-speed clock and all the nodes
waited for have a low speed clock. The hardware implementation uses an internally divided clock for the
timeout counter:
f[timeout] = f[osc] / 214
With the nominal clock frequency of 16MHz the counter’s resolution results to 1.024ms.
Command
Max. counter value
Min. timeout
Nom. timeout
Max. timeout
Units
digLED_Init_Strip
992
780.6
1015.3
1451.2
ms
digLED_Read_xxx
427
335.6
436.7
624.6
ms
digLED_Ping
62
48.0
63.0
90.7
ms
Table 19 - Timeouts



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com