Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

INLC10AQ-R4.5 Datasheet(PDF) 7 Page - inova Semiconductors

Part # INLC10AQ-R4.5
Description  Smart LED Driver & Controller
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INOVA [inova Semiconductors]
Direct Link  https://inova-semiconductors.de/
Logo INOVA - inova Semiconductors

INLC10AQ-R4.5 Datasheet(HTML) 7 Page - inova Semiconductors

Back Button INLC10AQ-R4.5 Datasheet HTML 3Page - inova Semiconductors INLC10AQ-R4.5 Datasheet HTML 4Page - inova Semiconductors INLC10AQ-R4.5 Datasheet HTML 5Page - inova Semiconductors INLC10AQ-R4.5 Datasheet HTML 6Page - inova Semiconductors INLC10AQ-R4.5 Datasheet HTML 7Page - inova Semiconductors INLC10AQ-R4.5 Datasheet HTML 8Page - inova Semiconductors INLC10AQ-R4.5 Datasheet HTML 9Page - inova Semiconductors INLC10AQ-R4.5 Datasheet HTML 10Page - inova Semiconductors INLC10AQ-R4.5 Datasheet HTML 11Page - inova Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 35 page
background image
Datasheet
DS_INLC10AQ Revision 1.0_B
Inova Semiconductors Confidential
Page 7 of 35
3.2
Recommended Operation Conditions
Parameter
Description
Min.
Typ.
Max.
Units
VCC5
DC supply voltage
4.5
5
5.5
V
VSIO1_P
VSIO1_N
Serial IO voltage
4.5
5
5.5
V
VRED
Red voltage
1.05*
-
5.5
V
VGREEN
Green voltage
0.76*
-
5.5
V
VBLUE
Blue voltage
0.76*
-
5.5
V
VPRG5
Programming Voltage
-
0
-
V
TA
Ambient temperature
-40
-
105
°C
Table 3 - Recommended operation conditions
*Only required if the device is used to power LEDs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com