Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMF0008LP Datasheet(PDF) 16 Page - Texas Instruments

Part # TMF0008LP
Description  TMF0008 8K bits Serial FRAM With SDQ Interface
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TMF0008LP Datasheet(HTML) 16 Page - Texas Instruments

Back Button TMF0008LP Datasheet HTML 12Page - Texas Instruments TMF0008LP Datasheet HTML 13Page - Texas Instruments TMF0008LP Datasheet HTML 14Page - Texas Instruments TMF0008LP Datasheet HTML 15Page - Texas Instruments TMF0008LP Datasheet HTML 16Page - Texas Instruments TMF0008LP Datasheet HTML 17Page - Texas Instruments TMF0008LP Datasheet HTML 18Page - Texas Instruments TMF0008LP Datasheet HTML 19Page - Texas Instruments TMF0008LP Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 35 page
background image
copy-protected pages or if the PF flag is set. This operation can be verified by reading the AA flag bit in the E/S
byte through the Read Scratchpad command.
6.5.4.4 Read Memory [F0h]
The host can read the FRAM memory by issuing the Read Memory command (F0h), followed by the 2-byte
address. If the host issues an address greater than 03D3h, the device sets the six most significant address
bits to zero. The host can then read the data from either the address within the address range or the modified
address until address 03D3h is reached. If the host continues to read further, the TMF0008 transmits 1s. The
host can terminate the Read Memory command sequence by issuing a reset pulse.
6.5.4.5 Extended Read Memory [A5h]
The Extended Read Memory command works similar to the Read Memory command except for the 2-byte CRC
that is transmitted at the end of each memory page. The host can read the FRAM memory by issuing the
Extended Read Memory command (A5h), followed by the 2-byte address. If the host issues an address greater
than 03D3h, the device sets the six most significant address bits to zero. The host can then read the data from
either the address within the address range or the modified address until the end of a 32-byte page. At the end
of the memory page, the host reads the 2-byte inverted CRC. If the host continues to read, the host receives
the data corresponding to the beginning of next page and so on until the end address 03D3h is reached. If the
host continues to read further, the TMF0008 transmits 1s. The host can terminate the Read Memory command
sequence by issuing a reset pulse.
TMF0008
SLVSIV3 – JULY 2025
www.ti.com
16
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: TMF0008



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com