Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMF0008LP Datasheet(PDF) 14 Page - Texas Instruments

Part # TMF0008LP
Description  TMF0008 8K bits Serial FRAM With SDQ Interface
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TMF0008LP Datasheet(HTML) 14 Page - Texas Instruments

Back Button TMF0008LP Datasheet HTML 10Page - Texas Instruments TMF0008LP Datasheet HTML 11Page - Texas Instruments TMF0008LP Datasheet HTML 12Page - Texas Instruments TMF0008LP Datasheet HTML 13Page - Texas Instruments TMF0008LP Datasheet HTML 14Page - Texas Instruments TMF0008LP Datasheet HTML 15Page - Texas Instruments TMF0008LP Datasheet HTML 16Page - Texas Instruments TMF0008LP Datasheet HTML 17Page - Texas Instruments TMF0008LP Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 35 page
background image
Reset
and
Presence
signals
0
0
1
1
0
0
1
1
Skip ROM (CCh)
Figure 6-9. SKIP ROM Sequence
6.5.3.4 SEARCH ROM Command [F0h]
The SEARCH ROM command helps to identify the number of devices and the 64-bit unique ID of each of the
devices during the initial system bring-up when the host is not aware of the number of devices on the SDQ
bus. The SEARCH ROM command sequence begins with the host generating the RESET pulse of at least 480
μs. All the responder devices on the SDQ bus responds with a PRESENCE pulse. Next, the host continues by
issuing the SEARCH ROM command, F0h. Following the SEARCH ROM command, the host issues three time
slots for each bit of the 64-bit serial ID as shown in Figure 6-10. In the first time slot, the responder devices
begin transmitting the bit of the 64 serial ID starting with the least significant bit. In the second time slot, the
responder devices transmit the complement of the bit. In the third time slot, the host writes the bit to be selected.
The process continues until the end of the 64-bit serial ID. All the responder devices that do not match the bit
written by the host in the third time slot exits from the search process. If the host read zeros in the first two
time slots, then a collision condition has occurred. The host knows there is more than one device on the SDQ
bus. By choosing the bit value to write, the host is branching out to eliminate one or more contending responder
devices. At the end of the first run sequence, the host knows the serial ID of a single device. The sequence is
then repeated to identify the serial IDs of the remaining devices on the SDQ bus.
BIT0
Reset
and
Presence
Signals
0
0
0
0
1
1
1
1
BITn
BIT63
Search ROM (F0h)
Data Read
Figure 6-10. SEARCH ROM Sequence
6.5.3.5 RESUME Command [A5h]
When there are multiple responder devices on the SDQ bus, the RESUME command, A5h, can be used to
maximize the data throughput by reducing the number of bit transactions needed to select the responder device.
Before issuing the RESUME command, the host must first select the responder device by issuing the MATCH
ROM or OVERDRIVE MATCH ROM command sequence. This selects the responder device. All other responder
devices do not respond to subsequent memory function commands and RESUME command function.
6.5.3.6 OVERDRIVE SKIP ROM Command [3Ch]
The TMF0008 supports a high speed mode called the Overdrive mode. The OVERDRIVE SKIP ROM command
sequence starts with the host generating the RESET pulse of at least 480 μs. The device responds with a
PRESENCE pulse. Next, the host continues by issuing the OVERDRIVE SKIP ROM command, 3Ch, in standard
speed. The device now enters Overdrive mode. Make sure all subsequent communication with the target device
are at overdrive speed. The host can bring all the responder devices back to standard speed by issuing a reset
pulse of at least 480 μs.
If the OVERDRIVE SKIP ROM command is issued when there are multiple responder devices on the SDQ
bus. All the responder devices enter Overdrive mode. All subsequent communication addresses a specific
device. This procedure is initiated by issuing a reset pulse at overdrive speed followed by a OVERDRIVE Match
ROM or Search ROM command sequence. This sequence speeds up the time for the search process. If the
OVERDRIVE SKIP ROM command is issued when there are multiple responder devices on the SDQ bus, all the
responder devices begin responding to the subsequent memory command resulting in a bus data collision.
TMF0008
SLVSIV3 – JULY 2025
www.ti.com
14
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: TMF0008



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com