Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMF0008LP Datasheet(PDF) 5 Page - Texas Instruments

Part # TMF0008LP
Description  TMF0008 8K bits Serial FRAM With SDQ Interface
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TMF0008LP Datasheet(HTML) 5 Page - Texas Instruments

  TMF0008LP Datasheet HTML 1Page - Texas Instruments TMF0008LP Datasheet HTML 2Page - Texas Instruments TMF0008LP Datasheet HTML 3Page - Texas Instruments TMF0008LP Datasheet HTML 4Page - Texas Instruments TMF0008LP Datasheet HTML 5Page - Texas Instruments TMF0008LP Datasheet HTML 6Page - Texas Instruments TMF0008LP Datasheet HTML 7Page - Texas Instruments TMF0008LP Datasheet HTML 8Page - Texas Instruments TMF0008LP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 35 page
background image
5.5 Electrical Characteristics
Minimum and Maximum specifications apply from TA of -10°C to 85°C. Typical specifications are at 25°C and VPUP = 3.3 V
and 5 V (unless otherwise noted).
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
IO Pin: General Data
VPUP
Pull-up Voltage
±5% variation
3.13
3.3
3.46
V
4.75
5
5.25
V
RPUP
Pull-up Resistance
Notes (1),(2),(5)
500
Ω
CCABLE
Cable Capacitance
Notes (4),(11)
1.7
nF
CIO
Input Capacitance
Notes (3),(4)
2000
pF
IL
Input Load Current
Note (6)
7
14
µA
VIL
Input Low Voltage
Note (7)
0.5
V
VOL
Output Low Voltage
Measured with RPUP = 500Ω,
VPUP = 3.3V
0.4
0.5
V
Measured with RPUP = 500Ω,
VPUP = 5V
0.4
0.5
V
VTL
High-to-Low Switching threshold
(Notes (4),(5),(8))
VPUP = 3.3V
0.84
1.72
V
VPUP = 5V
2
3
V
VTH
Low-to-High Switching Threshold
(Notes (4),(5),(9))
VPUP = 3.3V
1.64
2.75
V
VPUP = 5V
3.2
4.3
V
VHY
Switching Hysteresis
(Notes (4),(5),(10))
VPUP = 3.3V
0.44
1.1
V
VPUP = 5V
0.9
1.3
V
(1)
Maximum allowable pull-up resistance is dependent on the number of devices connected and the recovery time. The specified value is
assuming six devices are connected in the system and minimum recovery time.
(2)
Resistance tolerance to be within 1% or less.
(3)
Maximum Capacitance value represents the internal parasitic capacitance when VPUP is first applied. Once the parasitic charge
storage capacitance is charged, normal logic transitions are not affected.
(4)
Specified by design, characterization or simulation only. Not production tested.
(5)
VTL, VTH, and VHY are a function of the internal supply voltage, which is a function of VPUP, RPUP, single-wire timing, and capacitive
loading on SDQ pin. Lower VPUP, higher RPUP, shorter tREC, and heavier capacitive loading all lead to lower values of VTL, VTH, and
VHY.
(6)
Applicable when SDQ is HIGH (at VPUP) and the device is in idle mode (no digital activity or memory access). The numbers indicates
the stand-by current consumption.
(7)
The voltage on SDQ needs to be less or equal to VILMAX at all times the host is driving SDQ to a logic 0 level.
(8)
Voltage below which, during a falling edge on SDQ, logic 0 is detected.
(9)
Voltage above which, during a rising edge on SDQ, logic 1 is detected.
(10) After VTH is crossed during a rising edge on SDQ pin, the voltage on SDQ must drop by at least VHY to be detected as logic 0.
(11) System requirement.
www.ti.com
TMF0008
SLVSIV3 – JULY 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
5
Product Folder Links: TMF0008



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com