Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMF0008LP Datasheet(PDF) 8 Page - Texas Instruments

Part # TMF0008LP
Description  TMF0008 8K bits Serial FRAM With SDQ Interface
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TMF0008LP Datasheet(HTML) 8 Page - Texas Instruments

Back Button TMF0008LP Datasheet HTML 4Page - Texas Instruments TMF0008LP Datasheet HTML 5Page - Texas Instruments TMF0008LP Datasheet HTML 6Page - Texas Instruments TMF0008LP Datasheet HTML 7Page - Texas Instruments TMF0008LP Datasheet HTML 8Page - Texas Instruments TMF0008LP Datasheet HTML 9Page - Texas Instruments TMF0008LP Datasheet HTML 10Page - Texas Instruments TMF0008LP Datasheet HTML 11Page - Texas Instruments TMF0008LP Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 35 page
background image
6 Detailed Description
6.1 Overview
The Functional Block Diagram section presents the on-chip block level components of the TMF0008 device. The
TMF0008 has the following data components: a 64-bit factory-programmed ROM, containing 8-bit family code,
48-bit identification number and 8-bit CRC value, and 7680 bits of FRAM Data Memory. Power for read and write
operations is derived from the SDQ pin. An internal capacitor stores energy while the signal line is high and
releases energy during the low times of the SDQ pin, until the pin returns high to replenish the charge on the
capacitor.
6.2 Functional Block Diagram
TMF0008
RPUP ~ 500
µC
VPUP
GND
ESD
Internal
Charge
Storage
SDQ
Power
Conditioning
MCLK
DIGITAL
FRAM
8kb
OTP
64bit unique ID
6.3 Feature Description
6.3.1 7680-Bit FRAM
Table 6-1 is a memory map of the 7680-bit FRAM section of the TMF0008, configured as 30 pages of 32-bytes
each. Four adjacent pages form one 128-byte block. The 32-byte volatile scratchpad buffer is used when
programming the FRAM memory. The process for writing to the FRAM memory includes two steps. Data is first
written to the scratchpad buffer. The data is then verified by reading the scratchpad buffer that confirms proper
receipt of the data. If the buffer content is correct, a copy scratchpad command is issued to copy the scratchpad
buffer to the FRAM memory. This process verifies data integrity when programming the memory. The details for
programming and reading the 7680-bit FRAM portion of the TMF0008 are in the Memory Function Commands
section of this data sheet.
Table 6-1. FRAM Data Memory Map
ADDRESS RANGE
TYPE (1)
DESCRIPTION
PROTECTION CODES (NOTES)
0000h to 007Fh
R/(W)
Data Memory Pages 0 to 3 (Block 0)
(Protection controlled by address 03C0h)
0080h to 00FFh
R/(W)
Data Memory Pages 4 to 7 (Block 1)
(Protection controlled by address 03C1h)
0100h to 017Fh
R/(W)
Data Memory Pages 8 to 11 (Block 2)
(Protection controlled by address 03C2h)
0180h to 01FFh
R/(W)
Data Memory Pages 12 to 15 (Block 3)
(Protection controlled by address 03C3h)
0200h to 027Fh
R/(W)
Data Memory Pages 16 to 19 (Block 4)
(Protection controlled by address 03C4h)
0280h to 02FFh
R/(W)
Data Memory Pages 20 to 23 (Block 5)
(Protection controlled by address 03C5h)
0300h to 037Fh
R/(W)
Data Memory Pages 24 to 27 (Block 6)
(Protection controlled by address 03C6h)
0380h to 03BFh
R/(W)
Data Memory Pages 28 to 29 (Block 7)
(Protection controlled by address 03C7h)
(1)
R = Read, W = Write
TMF0008
SLVSIV3 – JULY 2025
www.ti.com
8
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: TMF0008



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com