Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMF0008LP Datasheet(PDF) 23 Page - Texas Instruments

Part # TMF0008LP
Description  TMF0008 8K bits Serial FRAM With SDQ Interface
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TMF0008LP Datasheet(HTML) 23 Page - Texas Instruments

Back Button TMF0008LP Datasheet HTML 19Page - Texas Instruments TMF0008LP Datasheet HTML 20Page - Texas Instruments TMF0008LP Datasheet HTML 21Page - Texas Instruments TMF0008LP Datasheet HTML 22Page - Texas Instruments TMF0008LP Datasheet HTML 23Page - Texas Instruments TMF0008LP Datasheet HTML 24Page - Texas Instruments TMF0008LP Datasheet HTML 25Page - Texas Instruments TMF0008LP Datasheet HTML 26Page - Texas Instruments TMF0008LP Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 35 page
background image
6.5.5.2 Write-Read-Time Slots
The single wire interface communication does not have a reference clock. Hence, all communication is
performed asynchronously with fixed time slot (tSLOT) and variable pulse width to indicate logic 0 and 1. In
idle state, the external pullup resistor holds the line high. Whether all bit communication is a write or a read, both
are initiated by the host by driving the data line low and the bit value is decoded as the time for which the data
line is held low.
Even though the communication is one bit at a time, the data exchanged between the host and device is
performed at byte boundary. Every byte is sent least significant bit first. The device behavior is not verified when
incomplete bytes are sent.
The Write-One timing diagram in Figure 6-17 shows that the host initiates the write-one transmission by pulling
the SDQ bus low for the tF + tW1L - tε duration and then releasing the SDQ bus. Similarly, the Write-Zero timing
diagram in Figure 6-18 shows that the host initiates the write-zero transmission by the pulling the SDQ bus low
for the tF + tW0L - tε duration and then releasing the SDQ bus. As the voltage on the SDQ bus falls below the
threshold VTL, the device starts the internal timing generator that determines when the SDQ line is sampled
during a write-time slot to determine whether the bit is 1 or 0. The device samples the SDQ line some time
between the max tW1L duration and the min tW0L duration.
The read-data timing diagram in Figure 6-19 shows that the host initiates the transmission of the bit by pulling
the SDQ bus low for the tF + tRL duration. The device then responds by either driving the SDQ bus low to
transmit a READ 0 or releasing the SDQ bus to transmit a READ 1. The host must factor the rise time due to the
pullup resistor and bus capacitance, to determine the sampling window to sample the bit level sent by the device
or driving the next read bit time slot.
VPUP
VTH
VTL
tW1L
Host drives SDQ
High Impedance, external pull-up
tSLOT
tF
tε
Figure 6-17. Write-One Timing Diagram
www.ti.com
TMF0008
SLVSIV3 – JULY 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
23
Product Folder Links: TMF0008



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com