Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMF0008LP Datasheet(PDF) 6 Page - Texas Instruments

Part # TMF0008LP
Description  TMF0008 8K bits Serial FRAM With SDQ Interface
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TMF0008LP Datasheet(HTML) 6 Page - Texas Instruments

Back Button TMF0008LP Datasheet HTML 2Page - Texas Instruments TMF0008LP Datasheet HTML 3Page - Texas Instruments TMF0008LP Datasheet HTML 4Page - Texas Instruments TMF0008LP Datasheet HTML 5Page - Texas Instruments TMF0008LP Datasheet HTML 6Page - Texas Instruments TMF0008LP Datasheet HTML 7Page - Texas Instruments TMF0008LP Datasheet HTML 8Page - Texas Instruments TMF0008LP Datasheet HTML 9Page - Texas Instruments TMF0008LP Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 35 page
background image
5.6 Timing Requirements
Minimum and Maximum specifications apply from TA of -10°C to 85°C. Typical specifications are at 25°C and VPUP = 3.3V
and 5V (unless otherwise noted).
MIN
NOM
MAX
UNIT
IO Pin: General Data
tSTARTUP
Start-up time
Minimum time SDQ must be HIGH
before device responds with a
presence pulse
10
ms
tREC
Recovery Time
Standard speed (1), (2)
5
µs
Overdrive speed (1), (2)
5
µs
tREH
Rising-Edge Hold-Off
Time
Standard speed (1), (2)
0.5
5
µs
tSLOT
Time Slot Duration
Standard speed (3)
65
µs
Overdrive speed (3)
11
µs
IO Pin: Single-Wire RESET, Presence-detect Cycle
tRSTL
Reset Low Time
Standard speed
480
550
µs
Overdrive speed
48
80
µs
tPDH
Presence-Detect High
Pulse
Standard speed
15
60
µs
Overdrive speed
2
6
µs
tPDL
Presence-Detect Low
Time
Standard speed
60
240
µs
Overdrive speed
8
24
µs
tPDS
Presence-Detect Sample
Time (4),(5)
Standard speed
60
70
75
µs
Overdrive speed
6
8.7
10
µs
IO PIN: Single-Wire Write
tW0L
Write-Zero Low Time
Standard speed (6)
60
120
µs
Overdrive speed (6)
6
15.5
µs
tW1L
Write-One Low Time
Standard speed (6)
1
15
µs
Overdrive speed (6)
1
2
µs
IO PIN: Single-Wire Read
tRL
Read Low Time
Standard speed (2), (7)
5
15 - tRC
µs
Overdrive speed (2), (7)
1
2 - tRC
µs
tRDS
Read Sample Time (8)
Standard speed (2), (7)
tRL + tRC
15
µs
Overdrive speed (2), (7)
tRL + tRC
3
µs
FRAM
NCY
Write/Erase Cycles
(Endurance)(2)
1M
Cycles
tPROG
Programming Time(2)
For all 7.5Kb of memory
1
ms
tDR
Data Retention(9)
At 80°C
10
Years
At 85°C
7
(1)
The voltage on SDQ needs to be less or equal to VILMAX at all times the host is driving SDQ to a logic 0 level.
(2)
Specified by design, characterization or simulation only. Not production tested.
(3)
Defines maximum possible bit rate.
(4)
Interval after tRSTL during which a bus host can read logic 0 on SDQ if there is a TMF0008 present. The presence detect pulse can be
outside this interval, but is complete within 2ms after power-up. This behavior addresses the scenario where the one-wire device has
been powered off (bus low) for a long time. Bus power is then applied. The device is allowed to malfunction, and generate a presence
pulse that violates the presence timing specification. However, the abnormal condition is resolved typically within 10ms.
(5)
System requirement
(6)
tε in Figure 6-17 and Figure 6-18 represents the time required for the pullup circuitry to raise the voltage on the SDQ pin from VIL to
VTH. Hence the actual maximum duration for the host to pull the line low is tW1LMAX + tF – tε and tW0LMAX + tF – tε, respectively.
TMF0008
SLVSIV3 – JULY 2025
www.ti.com
6
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: TMF0008



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com