Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMF0008LP Datasheet(PDF) 4 Page - Texas Instruments

Part # TMF0008LP
Description  TMF0008 8K bits Serial FRAM With SDQ Interface
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TMF0008LP Datasheet(HTML) 4 Page - Texas Instruments

  TMF0008LP Datasheet HTML 1Page - Texas Instruments TMF0008LP Datasheet HTML 2Page - Texas Instruments TMF0008LP Datasheet HTML 3Page - Texas Instruments TMF0008LP Datasheet HTML 4Page - Texas Instruments TMF0008LP Datasheet HTML 5Page - Texas Instruments TMF0008LP Datasheet HTML 6Page - Texas Instruments TMF0008LP Datasheet HTML 7Page - Texas Instruments TMF0008LP Datasheet HTML 8Page - Texas Instruments TMF0008LP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 35 page
background image
5 Specifications
5.1 Absolute Maximum Ratings
Over operating free-air temperature range (unless otherwise noted)
(1)
MIN
MAX
UNIT
VPUP
DC voltage applied to data
–0.3
5.5
V
IOL
Low-level output current
30
mA
TSTG
Storage temperature
–40
125
°C
(1)
Operation outside the Absolute Maximum Ratings may cause permanent device damage. Absolute Maximum Ratings do not imply
functional operation of the device at these or any other conditions beyond those listed under Recommended Operating Conditions.
If used outside the Recommended Operating Conditions but within the Absolute Maximum Ratings, the device may not be fully
functional, and may affect device reliability, functionality, performance, and shorten device lifetime.
5.2 ESD Ratings
VALUE
UNIT
V(ESD)
Electrostatic discharge
Human-body model (HBM), per ANSI/ESDA/JEDEC JS-001(1)
±1000
V
Charged-device model (CDM), per ANSI/ESDA/JEDEC JS-002(2)
±250
ESD IEC 61000-4-2 Air discharge, SDQ and GND
±15000
V
(1)
JEDEC document JEP155 states that 500V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250V CDM allows safe manufacturing with a standard ESD control process. .
5.3 Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)
MIN
NOM
MAX
UNIT
VPUP
Operational pull-up voltage
3.13
5.25
V
RPUP
Serial Communication interface pull-up resistance
500
Ω
TA
Operating free-air temperature
-10
85
°C
5.4 Thermal Information
THERMAL METRIC(1)
TMF0008
UNIT
DRS (WSON)
PS (SO)
TO-92 (LP)
6 PINS
8 PINS
3 PINS
RθJA
Junction-to-ambient thermal resistance
70.2
109.9
133.5
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
66.5
55.6
99.2
°C/W
RθJB
Junction-to-board thermal resistance
38.2
61.6
103.5
°C/W
ψJT
Junction-to-top characterization
parameter
2.2
16.4
28.4
°C/W
ψJB
Junction-to-board characterization
parameter
38.2
60.6
103.5
°C/W
RθJC(bot)
Junction-to-case (bottom) thermal
resistance
11.0
-
-
°C/W
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC package thermal metrics application
report.
TMF0008
SLVSIV3 – JULY 2025
www.ti.com
4
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: TMF0008



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com