Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMF0008LP Datasheet(PDF) 27 Page - Texas Instruments

Part # TMF0008LP
Description  TMF0008 8K bits Serial FRAM With SDQ Interface
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TMF0008LP Datasheet(HTML) 27 Page - Texas Instruments

Back Button TMF0008LP Datasheet HTML 23Page - Texas Instruments TMF0008LP Datasheet HTML 24Page - Texas Instruments TMF0008LP Datasheet HTML 25Page - Texas Instruments TMF0008LP Datasheet HTML 26Page - Texas Instruments TMF0008LP Datasheet HTML 27Page - Texas Instruments TMF0008LP Datasheet HTML 28Page - Texas Instruments TMF0008LP Datasheet HTML 29Page - Texas Instruments TMF0008LP Datasheet HTML 30Page - Texas Instruments TMF0008LP Datasheet HTML 31Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 35 page
background image
7.2.2 Detailed Design Procedure
Implementing the SDQ host via bit-banging over GPIO is possible. In this case, consider additional error
checking for the reset routine of the TMF0008 to verify that the responder is operating as expected on the bus.
Whenever the host sends a reset, the responder devices acknowledge the reset with a presence pulse. The host
must confirm, before the presence pulse, that the bus has been released and returned to a high level, indicating
that nothing is holding the bus unexpectedly low. As the minimum tPDH is 15μs, having the host look for a logic
high on the bus 10μs after releasing the bus at the end of the reset is sufficient to confirm the bus is released for
the responder devices to acknowledge.
7.2.3 Application Curves
Te mperature(°C)
-10
0
10
20
30
40
50
60
70
80
1E-6
2E-6
3E-6
4E-6
5E-6
6E-6
7E-6
VPUP = 3.3V
VPUP = 5V
Figure 7-2. Input Load Current (IL) vs Temperature
(Standard Speed)
Te mperature (°C)
-10
0
10
20
30
40
50
60
70
80
1E-6
2E-6
3E-6
4E-6
5E-6
6E-6
7E-6
VPUP = 5V
Figure 7-3. Input Load Current (IL) vs Temperature
(Overdrive Speed)
7.3 Power Supply Recommendations
The TMF0008 is a low-power device that only needs to be turned on when communicating. The device power
comes from the voltage supply that is used for digital I/O in the system. A dedicated VCC pin does not exist in
the device. The device obtains power from the SDQ communication input which can be sustained during normal
communication activity. Do not install any capacitors on the SDQ line.
The ramp time of the SDQ voltage when power is initially applied can be slow due to current limiting from the
source. Ramp times greater than 200µs can cause undesired bouncing of the POR circuit and result in the
device not generating a presence pulse. To account for this undesired effect on the device, a best practice for
the communication host is to issue a “hard” reset to the device by pulling down the SDQ line for >5ms and then
releasing the SDQ bus before issuing the reset pulse that is approximately 480µs long.
Figure 7-4 illustrates the best practice for dealing with initial power-on ramps.
3
4
5
1
2
1.
Initial power-on ramps can be long in duration.
2.
The host issues a “hard” reset of > 5ms, which resets the device
3.
TMF0008 responds to the hard reset by issuing a presence pulse.
4.
A "soft" reset of approximately 480µs can be applied after the previous presence pulse.
5.
TMF0008 responds to the soft reset by issuing a presence pulse.
Figure 7-4. Power-Up Best Practice
www.ti.com
TMF0008
SLVSIV3 – JULY 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
27
Product Folder Links: TMF0008



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com