Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMF0008LP Datasheet(PDF) 13 Page - Texas Instruments

Part # TMF0008LP
Description  TMF0008 8K bits Serial FRAM With SDQ Interface
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TMF0008LP Datasheet(HTML) 13 Page - Texas Instruments

Back Button TMF0008LP Datasheet HTML 9Page - Texas Instruments TMF0008LP Datasheet HTML 10Page - Texas Instruments TMF0008LP Datasheet HTML 11Page - Texas Instruments TMF0008LP Datasheet HTML 12Page - Texas Instruments TMF0008LP Datasheet HTML 13Page - Texas Instruments TMF0008LP Datasheet HTML 14Page - Texas Instruments TMF0008LP Datasheet HTML 15Page - Texas Instruments TMF0008LP Datasheet HTML 16Page - Texas Instruments TMF0008LP Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 35 page
background image
responder devices by driving the SDQ bus low for at least 480 μs. The PRESENCE pulse lets the host know that
there are one or more responder devices on the SDQ bus.
6.5.3 ROM Commands
After the host detects the presence of one or more responder devices on the SDQ bus, the host can send an
8-bit ROM function commands shown in Figure 6-6. This section describes the scenarios where each of the
ROM command can be issued. See Figure 6-6 for list of these commands.
6.5.3.1 READ ROM Command [33h]
The READ ROM command sequence (shown in Figure 6-7) starts with the host generating the RESET pulse of
at least 480 μs. The device responds with a PRESENCE pulse. Next, the host continues by issuing the READ
ROM command, 33h, and then reads back the 56-bit Family code and serial number followed by the 8-bit CRC
using the READ signaling (see the READ and WRITE signals section) during the data frame. The READ ROM
command can be issued by the host only if there is a single responder device on the SDQ bus. If the host issues
the command when there are more than 1 responder device on the SDQ bus, then data collision occurs because
all the responder devices try to respond to the host. The host can identify the data collision by comparing the
CRC from the READ ROM sequence with the computed CRC, which results in a mismatch.
0
1
1
0
0
0
1
1
CRC (1 BYTE)
Reset
and
Presence
Signals
Read ROM (33h)
Family Code and Identification
Number (7 BYTES)
Figure 6-7. READ ROM Sequence
6.5.3.2 Match ROM Command [55h]
When there are multiple responder devices on the bus, the Match ROM command, 55h, is used by the host to
select a specific responder device when the family code and identification number is known. The host issues the
Match ROM command followed by the family code, serial number, and the CRC byte. The responder device that
matches the 64-bit serial ID is selected and available to perform subsequent memory function commands. The
MATCH ROM command can also be used with a single responder device on the bus.
1
1
0
0
0
1
1
CRC (1 BYTE)
0
Reset
and
Presence
Signals
Match ROM (55h)
Family Code and Identification
Number (7 BYTES)
Figure 6-8. Match ROM Sequence
6.5.3.3 SKIP ROM Command [CCh]
The SKIP ROM command sequence (shown in Figure 6-9) is the fastest sequence that allows the host to begin
transacting with the responder device. The Skip ROM command, CCh, allows the host to access the memory
functions without issuing the 64-bit serial ID. The Skip ROM command is directly followed by a memory function
command. The SKIP ROM command is only issued with one device present on the SDQ bus. If the SKIP ROM
command is issued when there are multiple responder devices on the SDQ bus, all the responder devices begin
responding to the subsequent memory command resulting in a data collision on the bus.
www.ti.com
TMF0008
SLVSIV3 – JULY 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
13
Product Folder Links: TMF0008



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com