Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMF0008LP Datasheet(PDF) 22 Page - Texas Instruments

Part # TMF0008LP
Description  TMF0008 8K bits Serial FRAM With SDQ Interface
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TMF0008LP Datasheet(HTML) 22 Page - Texas Instruments

Back Button TMF0008LP Datasheet HTML 18Page - Texas Instruments TMF0008LP Datasheet HTML 19Page - Texas Instruments TMF0008LP Datasheet HTML 20Page - Texas Instruments TMF0008LP Datasheet HTML 21Page - Texas Instruments TMF0008LP Datasheet HTML 22Page - Texas Instruments TMF0008LP Datasheet HTML 23Page - Texas Instruments TMF0008LP Datasheet HTML 24Page - Texas Instruments TMF0008LP Datasheet HTML 25Page - Texas Instruments TMF0008LP Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 35 page
background image
6.5.5 SDQ Signaling
The single wire communication does not have a reference clock and is critical to adhere to stringent timing
protocols to maintain the data integrity. The timing protocol consists of four types of signaling:
1. Reset sequence with reset pulse and presence pulse
2. Write-zero timing sequence
3. Write-one timing sequence
4. Read-data timing sequence
The host initiates the communication by pulling the SDQ line low, except for the presence pulse which is initiated
by the responder devices on the SDQ bus. The responder devices can communicate at two different speeds:
standard speed and overdrive speed. The responder device by default only communicates at standard speed
unless the device is set into the Overdrive mode, in which case the responder device responds to commands
issued in the Overdrive timing (fast timing). All the timing waveforms shown below are applicable to both
Standard timing and Overdrive timing.
All SDQ signaling begins with initializing the device, followed by the host driving the bus low to write a 1 or 0,
or to begin the start frame for a bit read. Figure 6-16 shows the initialization timing, whereas Figure 6-17, Figure
6-18, and Figure 6-19 show that the host initiates each bit by driving the SDQ bus low for the start period, tW1L /
tW0L / tRL. After the bit is initiated, either the host continues controlling the bus during a WRITE, or the responder
device controls the bus to transfer a 0 bit during a READ.
6.5.5.1 RESET and PRESENCE PULSE
During the reset sequence, if the SDQ bus is driven low for more than 120 μs, the responder devices can be
reset. If the SDQ bus is driven low for more than 480 μs, then the responder devices reset and indicate that the
devices are ready for communication by responding with a presence pulse. If the TMF0008 is in Overdrive mode
and a tRSTL duration of 480 μs or longer is issued by the host, the device exits the Overdrive mode returning
to standard speed. If the device is in Overdrive mode and tRSTL is no longer than 80 μs, the device remains in
Overdrive mode. If the device is in Overdrive mode and tRSTL is between 80 μs and 480 μs, the device resets,
but the communication speed is undetermined.
Figure 6-16 shows the reset pulse initiated by host and Response Presence Pulse initiated by TMF0008 (target).
VPUP
VTH
VTL
tRSTL
Host drives SDQ
Device drives SDQ
High Impedance, external pull-up
tPDH
tPDL
tREC
tRSTH
tPDS
tF
Figure 6-16. Reset Sequence Timing Diagram
TMF0008
SLVSIV3 – JULY 2025
www.ti.com
22
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: TMF0008



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com