Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMF0008LP Datasheet(PDF) 10 Page - Texas Instruments

Part # TMF0008LP
Description  TMF0008 8K bits Serial FRAM With SDQ Interface
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TMF0008LP Datasheet(HTML) 10 Page - Texas Instruments

Back Button TMF0008LP Datasheet HTML 6Page - Texas Instruments TMF0008LP Datasheet HTML 7Page - Texas Instruments TMF0008LP Datasheet HTML 8Page - Texas Instruments TMF0008LP Datasheet HTML 9Page - Texas Instruments TMF0008LP Datasheet HTML 10Page - Texas Instruments TMF0008LP Datasheet HTML 11Page - Texas Instruments TMF0008LP Datasheet HTML 12Page - Texas Instruments TMF0008LP Datasheet HTML 13Page - Texas Instruments TMF0008LP Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 35 page
background image
Table 6-2. FRAM Status Memory Map (continued)
ADDRESS RANGE
TYPE (1)
DESCRIPTION
PROTECTION CODES (NOTES)
03C7h
R/(W)
Protection Control Byte (Block 7)
55h: Write Protect Block 7;
AAh: EPROM Mode Block 7;
55h or AAh: Write Protect 03C7h
03C8h-03CDh
R/(W)
USER EEPROM
03CEh
R/(W)
Memory Block Lock
55h or AAh: Copy Protect
Write-Protected Data Memory Pages
55h or AAh: Write Protect 03CEh
03CFh
R/(W)
Register Page Lock
55h or AAh: Copy Protect 03C0h-03CFh
03D0h
R/(W)
Factory Byte
55h or AAh: Write protect 03D0h-03D2h
Other: 03D0h-03D2h are programmable
03D1h
R/(W)
Manufacturer ID
03D2h
R/(W)
Manufacturer ID
03D3h
R
RESERVED
(1)
R = Read, W = Write
6.3.3 Address Registers and Transfer Status
The TMF0008 uses three address registers: TA1, TA2, and E/S (Figure 6-1, Figure 6-2, and Figure 6-3).
The registers TA1 and TA2 are loaded with the target address to which the data is to be written or from which
data is to be read. Register E/S is a read-only transfer status register used to verify data integrity with write
commands. During a Write Scratchpad command, the E/S bits E[4:0] are initially loaded with the incoming T[4:0]
and are then incremented on each incoming subsequent data byte. Thus, E[4:0] is the ending offset counter
within the 32-byte scratchpad. The PF bit of the E/S register is a Partial byte Flag and is set when the received
byte is partial (data bits not an integer multiple of 8) or if the scratchpad data is invalid due to a loss of power.
The PF bit is cleared when there is a successful scratchpad write. The AA (Authorization Accepted) bit of the
E/S register is set when there is an authorization match during a Copy Scratchpad command. If AA=1 and PF=0,
these values indicate that the data stored in the scratchpad has already been copied to the target memory. The
AA flag is cleared whenever data is written into the scratchpad. The AA flag is valid only if the PF flag is 0.
Figure 6-1. Target Address (TA1)
7
6
5
4
3
2
1
0
T7
T6
T5
T4
T3
T2
T2
T0
Figure 6-2. Target Address (TA2)
7
6
5
4
3
2
1
0
T15
T14
T13
T12
T11
T10
T9
T8
Figure 6-3. Ending Address with Data Status (E/S) (Read Only)
7
6
5
4
3
2
1
0
AA
0
PF
E4
E3
E2
E1
E0
6.3.4 Writing Data to the FRAM
The TMF0008 device does not allow writes to the FRAM memory directly by the host. Writing to the FRAM
memory directly by the host is achieved by using the scratchpad as an interim repository. To write into the
scratchpad, the host first issues the Write Scratchpad command followed by the desired target address and the
data to be written into the scratchpad. Depending on the conditions described in the Write Scratchpad Command
section, the host can receive an inverted CRC16 of the entire write scratchpad sequence (the write scratchpad is
commanded, the address and the data) at the end of the Write Scratchpad command sequence.
TMF0008
SLVSIV3 – JULY 2025
www.ti.com
10
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: TMF0008



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com