Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMF0008LP Datasheet(PDF) 28 Page - Texas Instruments

Part # TMF0008LP
Description  TMF0008 8K bits Serial FRAM With SDQ Interface
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TMF0008LP Datasheet(HTML) 28 Page - Texas Instruments

Back Button TMF0008LP Datasheet HTML 24Page - Texas Instruments TMF0008LP Datasheet HTML 25Page - Texas Instruments TMF0008LP Datasheet HTML 26Page - Texas Instruments TMF0008LP Datasheet HTML 27Page - Texas Instruments TMF0008LP Datasheet HTML 28Page - Texas Instruments TMF0008LP Datasheet HTML 29Page - Texas Instruments TMF0008LP Datasheet HTML 30Page - Texas Instruments TMF0008LP Datasheet HTML 31Page - Texas Instruments TMF0008LP Datasheet HTML 32Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 35 page
background image
7.4 Layout
7.4.1 Layout Guidelines
The TMF0008 only has one signal (SDQ). Routing the signal trace directly from the SDQ pin of TMF0008 to
the external connector of the application system or to host SDQ host device is advised. Shield the signal trace
properly with a parallel ground plane as shown in Figure 7-5. If a ground plane is not available to the TMF0008,
connect GND with a large trace surrounding most of the device and have the SDQ trace parallel with GND back
to the host.
7.4.2 Layout Example
Figure 7-5. Example Board Layout
TMF0008
SLVSIV3 – JULY 2025
www.ti.com
28
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: TMF0008



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com