Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMF0008LP Datasheet(PDF) 26 Page - Texas Instruments

Part # TMF0008LP
Description  TMF0008 8K bits Serial FRAM With SDQ Interface
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TMF0008LP Datasheet(HTML) 26 Page - Texas Instruments

Back Button TMF0008LP Datasheet HTML 22Page - Texas Instruments TMF0008LP Datasheet HTML 23Page - Texas Instruments TMF0008LP Datasheet HTML 24Page - Texas Instruments TMF0008LP Datasheet HTML 25Page - Texas Instruments TMF0008LP Datasheet HTML 26Page - Texas Instruments TMF0008LP Datasheet HTML 27Page - Texas Instruments TMF0008LP Datasheet HTML 28Page - Texas Instruments TMF0008LP Datasheet HTML 29Page - Texas Instruments TMF0008LP Datasheet HTML 30Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 35 page
background image
7 Application and Implementation
Note
Information in the following applications sections is not part of the TI component specification,
and TI does not warrant its accuracy or completeness. TI’s customers are responsible for
determining suitability of components for their purposes, as well as validating and testing their design
implementation to confirm system functionality.
7.1 Application Information
A typical application consists of a microcontroller configured as the SDQ communication host device and the
TMF0008 being the SDQ responder device. The host and responder have open drain functionality for which an
external pull-up resistor (typically 500Ω) is required and connected to a pullup voltage in the range of 3.13V to
5.25V.
7.2 Typical Application
Avoid additional capacitances on the SDQ bus. Any capacitance greater than CCABLE can result in
communication failure. Do not add decoupling or bypass capacitors to the SDQ line.
BQF0008
RPUP = 500Ω
µC
VPUP
GND
ESD
Internal
Charge
Storage
SDQ
Power
Conditioning
MCLK
DIGITAL
FRAM
8kb
OTP
64-bit unique ID
Figure 7-1. Typical Application Circuit
7.2.1 Design Requirements
DESIGN PARAMETER
EXAMPLE VALUE
Pullup voltage
3.13V to 5.25V
Operating free-air temperature
–10
℃ to 85℃
Pullup resistor
500Ω
TMF0008
SLVSIV3 – JULY 2025
www.ti.com
26
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: TMF0008



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com