Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMF0008LP Datasheet(PDF) 11 Page - Texas Instruments

Part # TMF0008LP
Description  TMF0008 8K bits Serial FRAM With SDQ Interface
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TMF0008LP Datasheet(HTML) 11 Page - Texas Instruments

Back Button TMF0008LP Datasheet HTML 7Page - Texas Instruments TMF0008LP Datasheet HTML 8Page - Texas Instruments TMF0008LP Datasheet HTML 9Page - Texas Instruments TMF0008LP Datasheet HTML 10Page - Texas Instruments TMF0008LP Datasheet HTML 11Page - Texas Instruments TMF0008LP Datasheet HTML 12Page - Texas Instruments TMF0008LP Datasheet HTML 13Page - Texas Instruments TMF0008LP Datasheet HTML 14Page - Texas Instruments TMF0008LP Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 35 page
background image
If the host receives the CRC16 value, the host can compare this value to the expected computed value. If there
is a match, the write scratchpad communication is successful and the host can decide to proceed to the Copy
Scratchpad command.
If the host does not receive the CRC16 value, then the host can use the Read Scratchpad command to verify
integrity of the data stored in the scratchpad. After the Read Scratchpad command is received, the TMF0008
initially transmits the contents of the target address registers (TA1, TA2) and the E/S register. If the PF flag is
set, or if the AA flag is set but PF flag cleared, the previous Write Scratchpad command is not successful. In
this case, the host can terminate the Read Scratchpad sequence and start another attempt to write data to the
scratchpad. If the previous Write Scratchpad is successful, both flags are cleared and the E[4:0] that is read
indicates the address of the last byte written to the scratchpad. In this case, the host can continue reading from
the TMF0008, verifying all the data bytes. If there is a match, the host can send the Copy Scratchpad command
followed by the exact data of the registers TA1, TA2, and E/S that the host obtained by reading the scratchpad.
At the end of the Copy Scratchpad sequence, if the authorization pattern matches, the TMF0008 starts copying
the scratchpad data to the requested location, provided copy protection is not set, the PF flag is cleared, and
there are no Read Memory or Extended Read Memory commands issued between Write and Copy Scratchpad
commands.
6.3.5 TMF0008 Device ID
The 64-bit ID identifies each TMF0008. The 48-bit serial number is unique and programmed by Texas
Instruments. The default Family code is 23h.
8b CRC
48-BIT SERIAL NUMBER
8b FAMILY CODE
MSB
LSB MSB
LSB MSB
LSB
Figure 6-4. 64-Bit Factory Programmed EPROM
6.3.6 Bus Termination
The drive output of the TMF0008 is an open-drain, N-channel MOSFET, for proper operation, a 500-Ω external
pullup resistor must be connected on the SDQ bus (see Figure 7-1).
6.4 Device Functional Modes
6.4.1 Test Procedures for Functional Tests
This section outlines the specific test procedures used to obtain the parameters listed in Functional Tests.
6.4.1.1 Multiple Responder Configurations
This test verifies the operation of the TMF0008 in a multi-drop use case. The host must be able to communicate
with multiple devices on the SDQ bus. The presence of other DUTs must not impact communication to the
selected DUT.
www.ti.com
TMF0008
SLVSIV3 – JULY 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
11
Product Folder Links: TMF0008



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com