Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMF0008LP Datasheet(PDF) 9 Page - Texas Instruments

Part # TMF0008LP
Description  TMF0008 8K bits Serial FRAM With SDQ Interface
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TMF0008LP Datasheet(HTML) 9 Page - Texas Instruments

Back Button TMF0008LP Datasheet HTML 5Page - Texas Instruments TMF0008LP Datasheet HTML 6Page - Texas Instruments TMF0008LP Datasheet HTML 7Page - Texas Instruments TMF0008LP Datasheet HTML 8Page - Texas Instruments TMF0008LP Datasheet HTML 9Page - Texas Instruments TMF0008LP Datasheet HTML 10Page - Texas Instruments TMF0008LP Datasheet HTML 11Page - Texas Instruments TMF0008LP Datasheet HTML 12Page - Texas Instruments TMF0008LP Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 35 page
background image
In FRAM devices, digital information is stored as polarization in a dielectric. This polarization can be lost at a
temperature-dependent rate. Increasing temperatures increase the de-polarization rate. Data Retention metrics
are listed in the Electrical Characteristics table.
6.3.2 FRAM Status Memory
As shown in Table 6-1, the data memory of the TMF0008 consists of eight contiguous blocks of FRAM memory.
Blocks 0 to 6 are 128 bytes each, formed by four adjacent memory pages, whereas block 7 is 64 bytes, formed
by two adjacent memory pages (A data memory page is 32 adjacent memory bytes).
In addition to the data memory, the TMF0008 consists of the status memory starting at address 03C0h as shown
in Table 6-2. The register page in the status memory consists of eight protection control bytes, six bytes of user
EEPROM, and one byte each to lock the memory block and the register page.
The eight protection control bytes and the memory block lock byte together control the access to the eight data
memory blocks. By default, the memory blocks are set to open access. A protection byte value of 55h sets
the corresponding memory block to write protection mode, whereas a protection byte value of AAh sets the
corresponding memory block to EPROM mode.
If the memory block lock byte is programmed to either 55h or AAh, copy protection is set for all write-protected
data memory blocks (memory blocks in EPROM mode are not affected). Similarly, if the register page lock byte
is programmed to either 55h or AAh, copy protection is set for the entire register page.
Setting a memory location into write protection mode allows the copy-scratch pad operation, but prevents data
from being changed. This allows memory to be reprogrammed with the same data, refreshing the polarization for
data retention longevity.
As compared to write protection, copy protection blocks the copy-scratchpad function. Only use this feature
after all write-protected blocks and associated protection control bytes are set to the final values. Note that
copy protection does not prevent copying data across devices. When set to 55h or AAh, the protection control
registers and the lock bytes write-protect themselves. Any other setting allows unrestricted write access.
Addresses 03D1h and 03D2h are available for programming an optional manufacturer ID. These values can
be read by the host, for example, to associate an end-user product with a TMF0008. At address 03D0h, the
TMF0008 stores a byte for locking the manufacturer ID, with a default value of 00h. After writing AAh or 55h to
this location, the manufacturer ID and lock byte are permanently write protected.
Table 6-2. FRAM Status Memory Map
ADDRESS RANGE
TYPE (1)
DESCRIPTION
PROTECTION CODES (NOTES)
03C0h
R/(W)
Protection Control Byte (Block 0)
55h: Write Protect Block 0;
AAh: EPROM Mode Block 0;
55h or AAh: Write Protect 03C0h
03C1h
R/(W)
Protection Control Byte (Block 1)
55h: Write Protect Block 1;
AAh: EPROM Mode Block 1;
55h or AAh: Write Protect 03C1h
03C2h
R/(W)
Protection Control Byte (Block 2)
55h: Write Protect Block 2;
AAh: EPROM Mode Block 2;
55h or AAh: Write Protect 03C2h
03C3h
R/(W)
Protection Control Byte (Block 3)
55h: Write Protect Block 3;
AAh: EPROM Mode Block 3;
55h or AAh: Write Protect 03C3h
03C4h
R/(W)
Protection Control Byte (Block 4)
55h: Write Protect Block 4;
AAh: EPROM Mode Block 4;
55h or AAh: Write Protect 03C4h
03C5h
R/(W)
Protection Control Byte (Block 5)
55h: Write Protect Block 5;
AAh: EPROM Mode Block 5;
55h or AAh: Write Protect 03C5h
03C6h
R/(W)
Protection Control Byte (Block 6)
55h: Write Protect Block 6;
AAh: EPROM Mode Block 6;
55h or AAh: Write Protect 03C6h
www.ti.com
TMF0008
SLVSIV3 – JULY 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
9
Product Folder Links: TMF0008



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com