Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADC32RF44IRMPR Datasheet(PDF) 17 Page - Texas Instruments

Part # ADC32RF44IRMPR
Description  ADC32RF44 Dual-Channel, 14-Bit, 2.6-GSPS, Analog-to-Digital Converter
PDF  135 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADC32RF44IRMPR Datasheet(HTML) 17 Page - Texas Instruments

Back Button ADC32RF44IRMPR Datasheet HTML 13Page - Texas Instruments ADC32RF44IRMPR Datasheet HTML 14Page - Texas Instruments ADC32RF44IRMPR Datasheet HTML 15Page - Texas Instruments ADC32RF44IRMPR Datasheet HTML 16Page - Texas Instruments ADC32RF44IRMPR Datasheet HTML 17Page - Texas Instruments ADC32RF44IRMPR Datasheet HTML 18Page - Texas Instruments ADC32RF44IRMPR Datasheet HTML 19Page - Texas Instruments ADC32RF44IRMPR Datasheet HTML 20Page - Texas Instruments ADC32RF44IRMPR Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 135 page
background image
Amplitude (dBFS)
-70
-60
-50
-40
-30
-20
-10
0
48
0
50
10
52
20
54
30
56
40
58
50
60
60
62
70
64
80
66
90
68
100
70
110
72
120
D035
SNR (dBFS)
SFDR (dBc)
SFDR (dBFS)
Differential Clock Amplitude (Vpp)
0.5
0.9
1.3
1.7
2.1
2.5
56
65
57
66
58
67
59
68
60
69
61
70
62
71
D036
SNR
SFDR
HD2 (dBFS)
0
3
6
9
12
15
18
21
D033
Temp = -40°C
Temp = 25°C
Temp = 85°C
Amplitude (dBFS)
-70
-60
-50
-40
-30
-20
-10
0
48
0
50
10
52
20
54
30
56
40
58
50
60
60
62
70
64
80
66
90
68
100
70
110
72
120
D034
SNR (dBFS)
SFDR (dBc)
SFDR (dBFS)
HD2 (dBFS)
0
2
4
6
8
10
12
14
16
18
20
D031
Temp = -40°C
Temp = 25°C
Temp = 85°C
HD2 (dBFS)
0
2
4
6
8
10
12
14
16
D032
Temp = -40°C
Temp = 25°C
Temp = 85°C
17
ADC32RF44
www.ti.com
SBAS809A – FEBRUARY 2017 – REVISED MARCH 2017
Product Folder Links: ADC32RF44
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
Typical Characteristics (continued)
typical values are specified at an ambient temperature of 25°C; minimum and maximum values are specified over an ambient
temperature range of –40°C to +85°C; and ADC sampling rate = 2.6 GHz, 50% clock duty cycle, AVDD19 = 1.9 V, AVDD =
1.15 V, DVDD = 1.15 V, –2-dBFS differential input, and 0-dB digital gain (unless otherwise noted)
fIN = 1.85 GHz, AOUT = –2 dBFS, AVDD19 = 1.8 V,
ADC sampling rate = 2.5 GHz
Figure 33. HD2 Histogram at AVDD19 = 1.8 V
fIN = 1.85 GHz, AOUT = –2 dBFS, AVDD19 = 1.9 V,
ADC sampling rate = 2.5 GHz
Figure 34. HD2 Histogram at AVDD19 = 1.9 V
fIN = 1.85 GHz, AOUT = –2 dBFS, AVDD19 = 2.0 V,
ADC sampling rate = 2.5 GHz
Figure 35. HD2 Histogram at AVDD19 = 2.0 V
fIN = 1.85 GHz
Figure 36. Performance vs Amplitude
fIN = 3.5 GHz, 2-dB digital gain
Figure 37. Performance vs Amplitude
fIN = 1.85 GHz, AIN = –2 dBFS,
ADC sampling rate = 2.5 GHz
Figure 38. Performance vs Clock Amplitude



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com