Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADC32RF44IRMPR Datasheet(PDF) 10 Page - Texas Instruments

Part # ADC32RF44IRMPR
Description  ADC32RF44 Dual-Channel, 14-Bit, 2.6-GSPS, Analog-to-Digital Converter
PDF  135 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADC32RF44IRMPR Datasheet(HTML) 10 Page - Texas Instruments

Back Button ADC32RF44IRMPR Datasheet HTML 6Page - Texas Instruments ADC32RF44IRMPR Datasheet HTML 7Page - Texas Instruments ADC32RF44IRMPR Datasheet HTML 8Page - Texas Instruments ADC32RF44IRMPR Datasheet HTML 9Page - Texas Instruments ADC32RF44IRMPR Datasheet HTML 10Page - Texas Instruments ADC32RF44IRMPR Datasheet HTML 11Page - Texas Instruments ADC32RF44IRMPR Datasheet HTML 12Page - Texas Instruments ADC32RF44IRMPR Datasheet HTML 13Page - Texas Instruments ADC32RF44IRMPR Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 135 page
background image
10
ADC32RF44
SBAS809A – FEBRUARY 2017 – REVISED MARCH 2017
www.ti.com
Product Folder Links: ADC32RF44
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
(1)
Overall latency = latency + tPD.
(2)
Latency increases when the DDC modes are used; see Table 4.
(3)
Common-mode voltage for the SYSREF input is kept at 1.2 V.
7.8 Timing Requirements
typical values are specified at an ambient temperature of 25°C; minimum and maximum values are specified over an ambient
temperature range of –40°C to +85°C; and ADC sampling rate = 2.6 GHz, 50% clock duty cycle, AVDD19 = 1.9 V, AVDD =
1.15 V, DVDD = 1.15 V, –2-dBFS differential input, and 0-dB digital gain (unless otherwise noted)
MIN
NOM
MAX
UNIT
SAMPLE TIMING
Aperture delay
250
750
ps
Aperture delay matching between two channels on the same device
±15
ps
Aperture delay matching between two devices at the same
temperature and supply voltage
±150
ps
Aperture jitter, clock amplitude = 2 VPP
90
fS
Latency
(1) (2)
Data latency, ADC sample to
digital output
12-bit bypass mode, LMFS = 82820
461
Input
clock
cycles
14-bit bypass mode, LMFS = 8224
424
Input
clock
cycles
Fast overrange latency, ADC sample to FOVR indication on GPIO pins
70
tPD
Propagation delay time: logic gates and output buffer delay
(does not change with fS)
6
ns
SYSREF TIMING(3)
tSU_SYSREF SYSREF setup time: referenced to clock rising edge, 2.6 GSPS
140
70
ps
tH_SYSREF
SYSREF hold time: referenced to clock rising edge, 2.6 GSPS
50
20
ps
Valid transition window sampling period: tSU_SYSREF – tH_SYSREF, 2.6 GSPS
194
ps
JESD OUTPUT INTERFACE TIMING
UI
Unit interval: 12.5 Gbps
80
100
400
ps
Serial output data rate
2.5
10.0
12.5
Gbps
Rise, fall times: 1-pF, single-ended load capacitance to ground
60
ps
Total jitter: BER of 1E-15 and lane rate = 12.5 Gbps
25
%UI
Random jitter: BER of 1E-15 and lane rate = 12.5 Gbps
0.99
%UI, rms
Deterministic jitter: BER of 1E-15 and lane rate = 12.5 Gbps
9.1
%UI,
pk-pk



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com