Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADC32RF44IRMPR Datasheet(PDF) 75 Page - Texas Instruments

Part # ADC32RF44IRMPR
Description  ADC32RF44 Dual-Channel, 14-Bit, 2.6-GSPS, Analog-to-Digital Converter
PDF  135 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADC32RF44IRMPR Datasheet(HTML) 75 Page - Texas Instruments

Back Button ADC32RF44IRMPR Datasheet HTML 71Page - Texas Instruments ADC32RF44IRMPR Datasheet HTML 72Page - Texas Instruments ADC32RF44IRMPR Datasheet HTML 73Page - Texas Instruments ADC32RF44IRMPR Datasheet HTML 74Page - Texas Instruments ADC32RF44IRMPR Datasheet HTML 75Page - Texas Instruments ADC32RF44IRMPR Datasheet HTML 76Page - Texas Instruments ADC32RF44IRMPR Datasheet HTML 77Page - Texas Instruments ADC32RF44IRMPR Datasheet HTML 78Page - Texas Instruments ADC32RF44IRMPR Datasheet HTML 79Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 135 page
background image
75
ADC32RF44
www.ti.com
SBAS809A – FEBRUARY 2017 – REVISED MARCH 2017
Product Folder Links: ADC32RF44
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
9.5.3 Master Page (M = 0)
9.5.3.1 Register 020h (address = 020h), Master Page
Figure 130. Register 020h
7
6
5
4
3
2
1
0
0
0
0
PDN SYSREF
0
0
PDN CHB
GLOBAL PDN
W-0h
W-0h
W-0h
R/W-0h
W-0h
R/W-0h
R/W-0h
R/W-0h
LEGEND: R/W = Read/Write; W = Write only; -n = value after reset
Table 39. Register 020h Field Descriptions
Bit
Field
Type
Reset
Description
7-5
0
W
0h
Must write 0
4
PDN SYSREF
R/W
0h
This bit powers down the SYSREF input buffer.
0 = Normal operation
1 = SYSREF input capture buffer is powered down and further
SYSREF input pulses are ignored
3-2
0
W
0h
Must write 0
1
PDN CHB
R/W
0h
This bit powers down channel B.
0 = Normal operation
1 = Channel B is powered down
0
GLOBAL PDN
R/W
0h
This bit enables the global power-down.
0 = Normal operation
1 = Global power-down enabled
9.5.3.2 Register 032h (address = 032h), Master Page
Figure 131. Register 032h
7
6
5
4
3
2
1
0
0
0
INCR CM
IMPEDANCE
0
0
0
0
0
W-0h
W-0h
R/W-0h
W-0h
W-0h
W-0h
W-0h
W-0h
LEGEND: R/W = Read/Write; W = Write only; -n = value after reset
Table 40. Register 032h Field Descriptions
Bit
Field
Type
Reset
Description
7-6
0
W
0h
Must write 0
5
INCR CM IMPEDANCE
R/W
0h
Only use this bit when analog inputs are dc-coupled to the
driver.
0 = VCM buffer directly drives the common point of biasing
resistors.
1 = VCM buffer drives the common point of biasing resistors with
> 5 kΩ
4-0
0
W
0h
Must write 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com