Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADC32RF44IRMPR Datasheet(PDF) 8 Page - Texas Instruments

Part # ADC32RF44IRMPR
Description  ADC32RF44 Dual-Channel, 14-Bit, 2.6-GSPS, Analog-to-Digital Converter
PDF  135 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADC32RF44IRMPR Datasheet(HTML) 8 Page - Texas Instruments

Back Button ADC32RF44IRMPR Datasheet HTML 4Page - Texas Instruments ADC32RF44IRMPR Datasheet HTML 5Page - Texas Instruments ADC32RF44IRMPR Datasheet HTML 6Page - Texas Instruments ADC32RF44IRMPR Datasheet HTML 7Page - Texas Instruments ADC32RF44IRMPR Datasheet HTML 8Page - Texas Instruments ADC32RF44IRMPR Datasheet HTML 9Page - Texas Instruments ADC32RF44IRMPR Datasheet HTML 10Page - Texas Instruments ADC32RF44IRMPR Datasheet HTML 11Page - Texas Instruments ADC32RF44IRMPR Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 135 page
background image
8
ADC32RF44
SBAS809A – FEBRUARY 2017 – REVISED MARCH 2017
www.ti.com
Product Folder Links: ADC32RF44
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
AC Performance Characteristics (continued)
typical values specified at an ambient temperature of 25°C; minimum and maximum values are specified over an ambient
temperature range of –40°C to +85°C; and ADC sampling rate = 2.6 GHz, 50% clock duty cycle, AVDD19 = 1.9 V, AVDD =
1.15 V, DVDD = 1.15 V, –2-dBFS differential input, and 0-dB digital gain (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN(1)
NOM
MAX
UNIT
HD3
Third-order harmonic
distortion
fIN = 100 MHz, AOUT = –2 dBFS
84.0
dBc
fIN = 900 MHz, AOUT = –2 dBFS
65.0
fIN = 1850 MHz, AOUT = –2 dBFS
62.5
74.0
fIN = 2100 MHz, AOUT = –2 dBFS
67.0
fIN = 2500 MHz, AOUT = –2 dBFS
59.0
fIN = 3500 MHz, AOUT
(2) = –3 dBFS with 2-dB gain
72.0
HD4,
HD5
Fourth- and fifth-order
harmonic distortion
fIN = 100 MHz, AOUT = –2 dBFS
92.0
dBc
fIN = 900 MHz, AOUT = –2 dBFS
82.0
fIN = 1850 MHz, AOUT = –2 dBFS
69.5
86.0
fIN = 2100 MHz, AOUT = –2 dBFS
87.0
fIN = 2500 MHz, AOUT = –2 dBFS
90.0
fIN = 3500 MHz, AOUT
(2) = –3 dBFS with 2-dB gain
87.0
IL spur
Interleaving spurs:
fS / 2 – fIN,
fS / 4 ± fIN
fIN = 100 MHz, AOUT = –2 dBFS
93.0
dBc
fIN = 900 MHz, AOUT = –2 dBFS
88.0
fIN = 1850 MHz, AOUT = –2 dBFS
66.5
80.0
fIN = 2100 MHz, AOUT = –2 dBFS
85.0
fIN = 2500 MHz, AOUT = –2 dBFS
81.0
fIN = 3500 MHz, AOUT
(2) = –3 dBFS with 2-dB gain
75.0
HD2 IL
Interleaving spur for HD2:
fS / 2 – HD2
fIN = 100 MHz, AOUT = –2 dBFS
83.0
dBc
fIN = 900 MHz, AOUT = –2 dBFS
82.0
fIN = 1850 MHz, AOUT = –2 dBFS
68
80.0
fIN = 2100 MHz, AOUT = –2 dBFS
75.0
fIN = 2500 MHz, AOUT = –2 dBFS
77.0
fIN = 3500 MHz, AOUT
(2) = –3 dBFS with 2-dB gain
77.0
Worst
spur
Spurious-free dynamic
range (excluding HD2, HD3,
HD4, HD5, and interleaving
spurs IL and HD2 IL)
fIN = 100 MHz, AOUT = –2 dBFS
79.0
dBc
fIN = 900 MHz, AOUT = –2 dBFS
79.0
fIN = 1850 MHz, AOUT = –2 dBFS
74.0
fIN = 2100 MHz, AOUT = –2 dBFS
72.0
fIN = 2500 MHz, AOUT = –2 dBFS
72.0
fIN = 3500 MHz, AOUT
(2) = –3 dBFS with 2-dB gain
69.0
IMD3
Two-tone, third-order
intermodulation distortion
fIN1 = 900 MHz, fIN2 = 960 MHz,
AOUT = –8 dBFS (each tone)
82
dBFS
fIN1 = 1850 MHz, fIN2 = 1870 MHz,
AOUT = –8 dBFS (each tone)
72
fIN1 = 3490 MHz, fIN2 = 3510 MHz,
AOUT = –8 dBFS (each tone) with 2-dB gain
69



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com