Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADC32RF44IRMPR Datasheet(PDF) 1 Page - Texas Instruments

Part # ADC32RF44IRMPR
Description  ADC32RF44 Dual-Channel, 14-Bit, 2.6-GSPS, Analog-to-Digital Converter
PDF  135 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADC32RF44IRMPR Datasheet(HTML) 1 Page - Texas Instruments

  ADC32RF44IRMPR Datasheet HTML 1Page - Texas Instruments ADC32RF44IRMPR Datasheet HTML 2Page - Texas Instruments ADC32RF44IRMPR Datasheet HTML 3Page - Texas Instruments ADC32RF44IRMPR Datasheet HTML 4Page - Texas Instruments ADC32RF44IRMPR Datasheet HTML 5Page - Texas Instruments ADC32RF44IRMPR Datasheet HTML 6Page - Texas Instruments ADC32RF44IRMPR Datasheet HTML 7Page - Texas Instruments ADC32RF44IRMPR Datasheet HTML 8Page - Texas Instruments ADC32RF44IRMPR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 135 page
background image
ADC
ADC
ADC
ADC
ADC
ADC
INAP,
INAM
SYSREFP,
SYSREFM
CLKINP,
CLKINM
PLL
65
Buffer
INBP,
INBM
65
Buffer
DB[1:0]P,
DB[1:0]M
DA[1:0]P,
DA[1:0]M
DA[3:2]P,
DA[3:2]M
DB[3:2]P,
DB[3:2]M
GPIO[4:1]
ADC
N
N
NCO
CTRL
SYNCBP,
SYNCBM
NCO
FOVR
FOVR
NCO
NCO
NCO
ADC
Digital Block
Interleave
Correction
Power
Detection
Digital Block
Interleave
Correction
Power
Detection
Copyright © 2017, Texas Instruments Incorporated
Clock
Divider
SPI
and
Control
CM
N
N
RESET
SCLK
SDATA
SEN
PDN
SDO
Product
Folder
Order
Now
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.
ADC32RF44
SBAS809A – FEBRUARY 2017 – REVISED MARCH 2017
ADC32RF44 Dual-Channel, 14-Bit, 2.6-GSPS, Analog-to-Digital Converter
1
1 Features
1
•
14-Bit, Dual-Channel, 2.6-GSPS ADC
•
Noise Floor: –154.2 dBFS/Hz
•
RF Input Supports Up to 4.0 GHz
•
Aperture Jitter: 90 fS
•
Channel Isolation: 95 dB at fIN = 1.8 GHz
•
Spectral Performance (fIN = 900 MHz, –2 dBFS):
–
SNR: 61.2 dBFS
–
SFDR: 65-dBc HD2, HD3
–
SFDR: 79-dBc Worst Spur
•
Spectral Performance (fIN = 1.85 GHz, –2 dBFS):
–
SNR: 58.3 dBFS
–
SFDR: 69-dBc HD2, HD3
–
SFDR: 74-dBc Worst Spur
•
On-Chip Digital Down-Converters:
–
Up to 4 DDCs (Dual-Band Mode)
–
Up to 3 Independent NCOs per DDC
•
On-Chip Input Clamp for Overvoltage Protection
•
Programmable On-Chip Power Detectors with
Alarm Pins for AGC Support
•
On-Chip Dither
•
On-Chip Input Termination
•
Input Full-Scale: 1.35 VPP
•
Support for Multi-Chip Synchronization
•
JESD204B Interface:
–
Subclass 1-Based Deterministic Latency
–
4 Lanes Per Channel at 12.5 Gbps
•
Power Dissipation: 2.95 W/Ch at 2.6 GSPS
•
72-Pin VQFN Package (10 mm × 10 mm)
2 Applications
•
Multi-Band, Multi-Mode 2G, 3G, 4G Cellular
Receivers
•
Phased Array Radars
•
Electronic Warfare
•
Cable Infrastructure
•
Broadband Wireless
•
High-Speed Digitizers
•
Software-Defined Radios
•
Communications Test Equipment
•
Microwave and Millimeter Wave Receivers
3 Description
The ADC32RF44 device is a 14-bit, 2.6-GSPS, dual-
channel,
analog-to-digital
converter
(ADC)
that
supports RF sampling with input frequencies up to
4 GHz and beyond. Designed for high signal-to-noise
ratio (SNR), the ADC32RF44 delivers a noise
spectral density of –154.2 dBFS/Hz as well as
dynamic range and channel isolation over a large
input frequency range. The buffered analog input with
on-chip termination provides uniform input impedance
across a wide frequency range and minimizes
sample-and-hold glitch energy.
Each ADC channel can be connected to a dual-band,
digital
down-converter
(DDC)
with
up
to
three
independent, 16-bit numerically-controlled oscillators
(NCOs) per DDC for phase-coherent frequency
hopping. Additionally, the ADC is equipped with front-
end peak and RMS power detectors and alarm
functions to support external automatic gain control
(AGC) algorithms.
The ADC32RF44 supports the JESD204B serial
interface with subclass 1-based deterministic latency
using data rates up to 12.5 Gbps with up to four lanes
per ADC. The device is offered in a 72-pin VQFN
package (10 mm × 10 mm) and supports the
industrial temperature range (–40°C to +85°C).
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
ADC32RF44
VQFN (72)
10.00 mm × 10.00 mm
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
Simplified Block Diagram


Similar Part No. - ADC32RF44IRMPR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADC32RF44IRMPR TI1-ADC32RF44IRMPR Datasheet
7Mb / 134P
Dual-Channel, 14-Bit, 2.6-GSPS, Analog-to-Digital Converter
More results

Similar Description - ADC32RF44IRMPR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DAC5670 TI-DAC5670 Datasheet
942Kb / 29P
14-BIT 2.4-GSPS DIGITAL-TO-ANALOG CONVERTER
DAC5670-SP TI-DAC5670-SP Datasheet
976Kb / 30P
14-BIT 2.4-GSPS DIGITAL-TO-ANALOG CONVERTER
DAC5670 TI-DAC5670_15 Datasheet
981Kb / 30P
14-BIT 2.4-GSPS DIGITAL-TO-ANALOG CONVERTER
ADS54J40 TI1-ADS54J40 Datasheet
4Mb / 74P
Dual-Channel, 14-Bit, 1.0-GSPS Analog-to-Digital Converter
logo
Analog Devices
AD9691 AD-AD9691 Datasheet
1Mb / 72P
14-Bit, 1.25 GSPS JESD204B, Dual Analog-to-Digital Converter
Rev. 0
logo
Texas Instruments
ADC32RF44 TI1-ADC32RF44 Datasheet
7Mb / 134P
Dual-Channel, 14-Bit, 2.6-GSPS, Analog-to-Digital Converter
ADC32RF42 TI1-ADC32RF42 Datasheet
5Mb / 127P
Dual-Channel, 14-Bit, 1.5-GSPS, Analog-to-Digital Converter
logo
Analog Devices
AD9208 AD-AD9208 Datasheet
1Mb / 137P
14-Bit, 3 GSPS, JESD204B, Dual Analog-to-Digital Converter
Rev. 0
logo
Texas Instruments
ADC32RF44 TI1-ADC32RF44_18 Datasheet
7Mb / 134P
Dual-Channel, 14-Bit, 2.6-GSPS, Analog-to-Digital Converter
logo
Analog Devices
AD9739 AD-AD9739 Datasheet
1Mb / 50P
14-Bit, 2.5 GSPS, RF Digital-to-Analog Converter
1/2012-Rev. A to Rev. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com