Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADC32RF44IRMPR Datasheet(PDF) 61 Page - Texas Instruments

Part # ADC32RF44IRMPR
Description  ADC32RF44 Dual-Channel, 14-Bit, 2.6-GSPS, Analog-to-Digital Converter
PDF  135 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADC32RF44IRMPR Datasheet(HTML) 61 Page - Texas Instruments

Back Button ADC32RF44IRMPR Datasheet HTML 57Page - Texas Instruments ADC32RF44IRMPR Datasheet HTML 58Page - Texas Instruments ADC32RF44IRMPR Datasheet HTML 59Page - Texas Instruments ADC32RF44IRMPR Datasheet HTML 60Page - Texas Instruments ADC32RF44IRMPR Datasheet HTML 61Page - Texas Instruments ADC32RF44IRMPR Datasheet HTML 62Page - Texas Instruments ADC32RF44IRMPR Datasheet HTML 63Page - Texas Instruments ADC32RF44IRMPR Datasheet HTML 64Page - Texas Instruments ADC32RF44IRMPR Datasheet HTML 65Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 135 page
background image
R/W
A5
A4
A3
A2
A1
A0
D7
D6
D5
D4
D3
D2
D1
D0
SDIN
SCLK
SEN
RESET
A11 A10
A9
A8
A7
A6
M
P
CH
0
1
0
0
Register Address [11:0]
Register Data [7:0]
61
ADC32RF44
www.ti.com
SBAS809A – FEBRUARY 2017 – REVISED MARCH 2017
Product Folder Links: ADC32RF44
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
9.4.3.3 Serial Register Write: Digital Bank
The digital bank contains seven pages (Offset Corrector Page for channel A and B; Digital Gain Page for channel
A and B; Main digital Page for channel A and B; and JESD Digital Page). The timing for the individual page
selection is shown in Figure 117. The registers located in the pages of the digital bank can be programmed by:
1. Driving the SEN pin low.
2. Setting the M bit to 1 and specifying the page with with the desired register. There are seven pages in Digital
Bank. These pages can be selected by appropriately programming register bits DIGITAL BANK PAGE SEL,
located in addresses 002h, 003h, and 004h, using three consecutive SPI cycles. Addressing in a SPI cycle
begins with 4xxx when selecting a page from digital bank because the M bit must be set to 1.
–
To select the offset corrector page channel A: write address 4004h with 61h, 4003h with 00h, and 4002h
with 00h.
–
To select the offset corrector page channel B: write address 4004h with 61h, 4003h with 01h, and 4002h
with 00h.
–
To select the digital gain page channel A: write address 4004h with 61h, 4003h with 00h, and 4002h with
05h.
–
To select the digital gain page channel B: write address 4004h with 61h, 4003h with 01h, and 4002h with
05h.
–
To select the main digital page channel A: write address 4004h with 68h, 4003h with 00h, and 4002h with
00h.
–
To select the main digital page channel B: write address 4004h with 68h, 4003h with 01h, and 4002h with
00h.
–
To select the JESD digital page: write address 4004h with 69h, 4003h with 00h, and 4002h with 00h.
Figure 117. SPI Write Timing Diagram for Digital Bank Page Selection



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com