Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADC32RF44IRMPR Datasheet(PDF) 24 Page - Texas Instruments

Part # ADC32RF44IRMPR
Description  ADC32RF44 Dual-Channel, 14-Bit, 2.6-GSPS, Analog-to-Digital Converter
PDF  135 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADC32RF44IRMPR Datasheet(HTML) 24 Page - Texas Instruments

Back Button ADC32RF44IRMPR Datasheet HTML 20Page - Texas Instruments ADC32RF44IRMPR Datasheet HTML 21Page - Texas Instruments ADC32RF44IRMPR Datasheet HTML 22Page - Texas Instruments ADC32RF44IRMPR Datasheet HTML 23Page - Texas Instruments ADC32RF44IRMPR Datasheet HTML 24Page - Texas Instruments ADC32RF44IRMPR Datasheet HTML 25Page - Texas Instruments ADC32RF44IRMPR Datasheet HTML 26Page - Texas Instruments ADC32RF44IRMPR Datasheet HTML 27Page - Texas Instruments ADC32RF44IRMPR Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 135 page
background image
Input Frequency (MHz)
100
200
300
500 700 1000
2000 3000
5000
-8
-7
-6
-5
-4
-3
-2
-1
0
1
2
D062
100 Ohm Source
50 Ohm Source
Input Frequency (MHz)
0
500
1000
1500
2000
2500
3000
-3
-2
-1
0
1
2
3
D063
Input Frequency (MHz)
0
500
1000
1500
2000
2500
3000
0.01
0.02
0.03
0.04
0.05
0.06
0.07
D001
D064
24
ADC32RF44
SBAS809A – FEBRUARY 2017 – REVISED MARCH 2017
www.ti.com
Product Folder Links: ADC32RF44
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
Feature Description (continued)
The input impedance of analog inputs can also be modelled as parallel combination of equivalent resistance and
capacitance. Figure 60 and Figure 61 show how equivalent impedance (CIN and RIN) vary over frequency.
Figure 60. Differential Input Capacitance vs
Input Frequency
Figure 61. Differential Input Resistance vs Input Frquency
Each input pin (INP, INM) must swing symmetrically between (CM + 0.3375 V) and (CM – 0.3375 V), resulting in
a 1.35-VPP (default) differential input swing. The input sampling circuit has a 3-dB bandwidth that extends up to
approximately 3.2 GHz, as shown in Figure 62.
Figure 62. Input Bandwidth with a 100-Ω Source Resistance



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com