Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADC32RF44IRMPR Datasheet(PDF) 56 Page - Texas Instruments

Part # ADC32RF44IRMPR
Description  ADC32RF44 Dual-Channel, 14-Bit, 2.6-GSPS, Analog-to-Digital Converter
PDF  135 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADC32RF44IRMPR Datasheet(HTML) 56 Page - Texas Instruments

Back Button ADC32RF44IRMPR Datasheet HTML 52Page - Texas Instruments ADC32RF44IRMPR Datasheet HTML 53Page - Texas Instruments ADC32RF44IRMPR Datasheet HTML 54Page - Texas Instruments ADC32RF44IRMPR Datasheet HTML 55Page - Texas Instruments ADC32RF44IRMPR Datasheet HTML 56Page - Texas Instruments ADC32RF44IRMPR Datasheet HTML 57Page - Texas Instruments ADC32RF44IRMPR Datasheet HTML 58Page - Texas Instruments ADC32RF44IRMPR Datasheet HTML 59Page - Texas Instruments ADC32RF44IRMPR Datasheet HTML 60Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 135 page
background image
56
ADC32RF44
SBAS809A – FEBRUARY 2017 – REVISED MARCH 2017
www.ti.com
Product Folder Links: ADC32RF44
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
9.4.2.7 JESD204B Frame Assembly with Decimation (Dual-Band DDC): Complex Output
Table 22 lists the available JESD204B formats and valid ranges for the ADC32RF44 with decimation (dual-band
DDC) when using a complex output format. The ranges are limited by the SerDes line rate and the maximum
ADC sample frequency. The sample alignment on the different lanes is shown in Table 23.
Table 22. JESD Mode Options: Dual-Band Complex Output
DECIMATION
SETTING
(Complex)
NUMBER OF
ACTIVE DDCS
L
M
F
S
PLL
MODE
JESD
MODE0
JESD
MODE1
JESD
MODE2
RATIO
[fSerDes / fCLK
(Gbps / GSPS)]
Divide-by-8
2 per channel
8
8
2
1
20X
1
0
0
2.5
4
8
4
1
40X
2
0
0
5
Divide-by-9
2 per channel
8
8
2
1
20X
1
0
0
2.22
4
8
4
1
40X
2
0
0
4.44
Divide-by-10
2 per channel
8
8
2
1
20X
1
0
0
2
4
8
4
1
40X
2
0
0
4
Divide-by-12
2 per channel
8
8
2
1
20X
1
0
0
1.67
4
8
4
1
40X
2
0
0
3.33
Divide-by-16
2 per channel
8
8
2
1
20X
1
0
0
1.25
4
8
4
1
40X
2
0
0
2.5
Divide-by-18
2 per channel
8
8
2
1
20X
1
0
0
1.11
4
8
4
1
40X
2
0
0
2.22
Divide-by-20
2 per channel
8
8
2
1
20X
1
0
0
1
4
8
4
1
40X
2
0
0
2
Divide-by-24
2 per channel
4
8
4
1
40X
2
0
0
1.67
Divide-by-32
2 per channel
4
8
4
1
40X
2
0
0
1.25
(1)
Blue and green shading indicates the two bands for channel A; yellow and orange shading indicates the two bands for channel B.
Table 23. JESD Sample Lane Assignment: Dual-Band Complex Output(1)
OUTPUT LANE
LMFS = 8821
LMFS = 4841
DA0
A10[15:8]
A10[7:0]
DA1
A1Q0[15:8]
A1Q0[7:0]
A1I0[15:8]
A1I0[7:0]
A1Q0[15:8]
A1Q0[7:0]
DA2
A2I0[15:8]
A2I0[7:0]
A2I0[15:8]
A2I0[7:0]
A2Q0[15:8]
A2Q0[7:0]
DA3
A2Q0[15:8]
A2Q0[7:0]
DB0
B1I0[15:8]
B1I0[7:0]
DB1
B1Q0[15:8]
B1Q0[7:0]
B1I0[15:8]
B1I0[7:0]
B1Q0[15:8]
B1Q0[7:0]
DB2
B2I0[15:8]
B2I0[7:0]
B2I0[15:8]
B2I0[7:0]
B2Q0[15:8]
B2Q0[7:0]
DB3
B2Q0[15:8]
B2Q0[7:0]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com