Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADC32RF44IRMPR Datasheet(PDF) 31 Page - Texas Instruments

Part # ADC32RF44IRMPR
Description  ADC32RF44 Dual-Channel, 14-Bit, 2.6-GSPS, Analog-to-Digital Converter
PDF  135 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADC32RF44IRMPR Datasheet(HTML) 31 Page - Texas Instruments

Back Button ADC32RF44IRMPR Datasheet HTML 27Page - Texas Instruments ADC32RF44IRMPR Datasheet HTML 28Page - Texas Instruments ADC32RF44IRMPR Datasheet HTML 29Page - Texas Instruments ADC32RF44IRMPR Datasheet HTML 30Page - Texas Instruments ADC32RF44IRMPR Datasheet HTML 31Page - Texas Instruments ADC32RF44IRMPR Datasheet HTML 32Page - Texas Instruments ADC32RF44IRMPR Datasheet HTML 33Page - Texas Instruments ADC32RF44IRMPR Datasheet HTML 34Page - Texas Instruments ADC32RF44IRMPR Datasheet HTML 35Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 135 page
background image
IQ 2.6 GSPS
N/2
ADC
NCO 2,
16 Bits
2.6 GSPS
IQ Data, 2.6 GSPS
RX1 IQ Output
GPIO
SYSREF
RX2 IQ Output
NCO 1,
16 Bits
NCO 3,
16 Bits
NCO 4,
16 Bits
RX1 Real Output
Wideband IQ Output
2,3
Wideband Real Output
RX2 Real Output
JESD204B
fOUT / 4
2
fOUT / 4
fOUT / 4
LPF
LPF
2
LPF
LPF
N/2
2
LPF
LPF
IQ Data
Real[ ]
Real[ ]
Real[ ]
IQ Data
IQ Data
31
ADC32RF44
www.ti.com
SBAS809A – FEBRUARY 2017 – REVISED MARCH 2017
Product Folder Links: ADC32RF44
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
Example 1: fS = 2.6 GSPS, Bypass Mode (LMFS = 82820), K = 16
SYSREF = 2.6 GSPS / LCM (64, 20 × 16) / N = 8.125 MHz / N
Operate SYSREF at 4.0625 MHz (effectively divide-by-640, N = 2)
Example 2: fS = 2.6 GSPS, Divide-by-4 (LMFS = 8411), K = 16
SYSREF = 2.6 GSPS / LCM (4 ,64, 16) = 40.625 MHz / N
Operate SYSREF at 2.539063 MHz (effectively divide-by-1024, N = 16)
For proper device operation, disable the SYSREF signal after the JESD synchronization is established.
9.3.4 DDC Block
The ADC32RF44 provides a sophisticated on-chip, digital down converter (DDC) block that can be controlled
through SPI register settings and the general-purpose input/output (GPIO) pins. The DDC block supports two
basic operating modes: receiver (RX) mode with single- or dual-band DDC and wide-bandwidth observation
receiver mode.
Each ADC channel is followed by two DDC chains consisting of the digital filter along with a complex digital mixer
with a 16-bit numerically-controlled oscillator (NCO), as shown in Figure 71. The NCOs allow accurate frequency
tuning within the Nyquist zone prior to the digital filtering. One DDC chain is intended for supporting a dual-band
DDC configuration in receiver mode and the second DDC chain supports the wide-bandwidth output option for
the observation configuration. At any given time, either the single-band DDC, the dual-band DDC, or the
wideband DDC can be enabled. Furthermore, three different NCO frequencies can be selected on that path and
are quickly switched using the SPI or the GPIO pins to enable wide-bandwidth observation in a multi-band
application.
NOTE: Red traces show SYSREF going to the NCO blocks.
Figure 71. DDC Chains Overview (One ADC Channel Shown)
Additionally, the decimation filter block provides the option to convert the complex output back to real format at
twice the decimated, complex output rate. The filter response with a real output is identical to a complex output.
The band is centered in the middle of the Nyquist zone (mixed with fOUT / 4) based on a final output data rate of
fOUT.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com