Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADC32RF44IRMPR Datasheet(PDF) 84 Page - Texas Instruments

Part # ADC32RF44IRMPR
Description  ADC32RF44 Dual-Channel, 14-Bit, 2.6-GSPS, Analog-to-Digital Converter
PDF  135 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADC32RF44IRMPR Datasheet(HTML) 84 Page - Texas Instruments

Back Button ADC32RF44IRMPR Datasheet HTML 80Page - Texas Instruments ADC32RF44IRMPR Datasheet HTML 81Page - Texas Instruments ADC32RF44IRMPR Datasheet HTML 82Page - Texas Instruments ADC32RF44IRMPR Datasheet HTML 83Page - Texas Instruments ADC32RF44IRMPR Datasheet HTML 84Page - Texas Instruments ADC32RF44IRMPR Datasheet HTML 85Page - Texas Instruments ADC32RF44IRMPR Datasheet HTML 86Page - Texas Instruments ADC32RF44IRMPR Datasheet HTML 87Page - Texas Instruments ADC32RF44IRMPR Datasheet HTML 88Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 135 page
background image
84
ADC32RF44
SBAS809A – FEBRUARY 2017 – REVISED MARCH 2017
www.ti.com
Product Folder Links: ADC32RF44
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
9.5.9.2 Register 0A2h (address = 0A2h), Main Digital Page Channel A
Figure 146. Register 0A2h
7
6
5
4
3
2
1
0
0
0
0
0
NQ ZONE EN
NYQUIST ZONE
W-0h
W-0h
W-0h
W-0h
R/W-0h
R/W-0h
LEGEND: R/W = Read/Write; W = Write only; -n = value after reset
Table 57. Register 0A2h Field Descriptions
Bit
Field
Type
Reset
Description
7-4
0
W
0h
Must write 0
3
NQ ZONE EN
R/W
0h
This bit allows for specification of the operating Nyquist zone.
0 = Nyquist zone specification disabled
1 = Nyquist zone specification enabled
2-0
NYQUIST ZONE
R/W
0h
These bits specify the operating Nyquist zone for the analog
correction loop.
Set the NQ ZONE EN bit before programming these bits.
For example, at a 2.6-GSPS chip clock, the first Nyquist zone is
from dc to 1.3 GHz, the second Nyquist zone is from 1.3 GHz to
2.6 GHz, and so on.
000 = First Nyquist zone (dc – fS / 2)
001 = Second Nyquist zone (fS / 2 – fS)
010 = Third Nyquist zone
011 = Fourth Nyquist zone
9.5.10 Main Digital Page Channel B (680100h, M = 1)
9.5.10.1 Register 000h (address = 000h), Main Digital Page Channel B
Figure 147. Register 000h
7
6
5
4
3
2
1
0
0
0
0
0
0
0
0
DIG CORE RESET GBL
W-0h
W-0h
W-0h
W-0h
W-0h
W-0h
W-0h
R/W-0h
LEGEND: R/W = Read/Write; W = Write only; -n = value after reset
Table 58. Register 000h Field Descriptions
Bit
Field
Type
Reset
Description
7-1
0
W
0h
Must write 0
0
DIG CORE RESET GBL
R/W
0h
Pulse this bit (0
→1 →0) to reset the digital core (applies to both
channel A and B).
All Nyquist zone settings take effect when this bit is pulsed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com