Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADC32RF44IRMPR Datasheet(PDF) 20 Page - Texas Instruments

Part # ADC32RF44IRMPR
Description  ADC32RF44 Dual-Channel, 14-Bit, 2.6-GSPS, Analog-to-Digital Converter
PDF  135 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADC32RF44IRMPR Datasheet(HTML) 20 Page - Texas Instruments

Back Button ADC32RF44IRMPR Datasheet HTML 16Page - Texas Instruments ADC32RF44IRMPR Datasheet HTML 17Page - Texas Instruments ADC32RF44IRMPR Datasheet HTML 18Page - Texas Instruments ADC32RF44IRMPR Datasheet HTML 19Page - Texas Instruments ADC32RF44IRMPR Datasheet HTML 20Page - Texas Instruments ADC32RF44IRMPR Datasheet HTML 21Page - Texas Instruments ADC32RF44IRMPR Datasheet HTML 22Page - Texas Instruments ADC32RF44IRMPR Datasheet HTML 23Page - Texas Instruments ADC32RF44IRMPR Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 135 page
background image
Frequency (MHz)
-52.1
-31.26
-10.42
10.42
31.26
52.1
-120
-100
-80
-60
-40
-20
0
D053
Frequency (MHz)
-39.1
-23.46
-7.82
7.82
23.46
39.1
-120
-100
-80
-60
-40
-20
0
D054
Frequency (MHz)
-69.4
-41.64
-13.88
13.88
41.64
69.4
-120
-100
-80
-60
-40
-20
0
D051
Frequency (MHz)
-62.5
-37.5
-12.5
12.5
37.5
62.5
-120
-100
-80
-60
-40
-20
0
D052
Frequency (MHz)
-104.2
-62.52
-20.84
20.84
62.52
104.2
-120
-100
-80
-60
-40
-20
0
D049
Frequency (MHz)
-78.12
-46.87
-15.62
15.63
46.88
78.12
-120
-100
-80
-60
-40
-20
0
D050
20
ADC32RF44
SBAS809A – FEBRUARY 2017 – REVISED MARCH 2017
www.ti.com
Product Folder Links: ADC32RF44
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
Typical Characteristics (continued)
typical values are specified at an ambient temperature of 25°C; minimum and maximum values are specified over an ambient
temperature range of –40°C to +85°C; and ADC sampling rate = 2.6 GHz, 50% clock duty cycle, AVDD19 = 1.9 V, AVDD =
1.15 V, DVDD = 1.15 V, –2-dBFS differential input, and 0-dB digital gain (unless otherwise noted)
fS = 2500 MSPS, fIN = 1.85 GHz, AIN = –2 dBFS,
SNR = 62.7 dBFS, SFDR (includes IL) = 80 dBc
Figure 51. FFT in 12X Decimation
fS = 2500 MSPS, fIN = 1.85 GHz, AIN = –2 dBFS,
SNR = 63 dBFS, SFDR (includes IL) = 81 dBc
Figure 52. FFT in 16X Decimation
fS = 2500 MSPS, fIN = 1.85 GHz, AIN = –2 dBFS,
SNR = 63.2 dBFS, SFDR (includes IL) = 79 dBc
Figure 53. FFT in 18X Decimation
fS = 2500 MSPS, fIN = 1.85 GHz, AIN = –2 dBFS,
SNR = 63.3 dBFS, SFDR (includes IL) = 79 dBc
Figure 54. FFT in 20X Decimation
fS = 2500 MSPS, fIN = 1.85 GHz, AIN = –2 dBFS,
SNR = 63.7 dBFS, SFDR (includes IL) = 79 dBc
Figure 55. FFT in 24X Decimation
fS = 2500 MSPS, fIN = 1.85 GHz, AIN = –2 dBFS,
SNR = 63.8 dBFS, SFDR (includes IL) = 79 dBc
Figure 56. FFT in 32X Decimation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com