Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADC32RF44IRMPR Datasheet(PDF) 22 Page - Texas Instruments

Part # ADC32RF44IRMPR
Description  ADC32RF44 Dual-Channel, 14-Bit, 2.6-GSPS, Analog-to-Digital Converter
PDF  135 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADC32RF44IRMPR Datasheet(HTML) 22 Page - Texas Instruments

Back Button ADC32RF44IRMPR Datasheet HTML 18Page - Texas Instruments ADC32RF44IRMPR Datasheet HTML 19Page - Texas Instruments ADC32RF44IRMPR Datasheet HTML 20Page - Texas Instruments ADC32RF44IRMPR Datasheet HTML 21Page - Texas Instruments ADC32RF44IRMPR Datasheet HTML 22Page - Texas Instruments ADC32RF44IRMPR Datasheet HTML 23Page - Texas Instruments ADC32RF44IRMPR Datasheet HTML 24Page - Texas Instruments ADC32RF44IRMPR Datasheet HTML 25Page - Texas Instruments ADC32RF44IRMPR Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 135 page
background image
ADC
ADC
ADC
ADC
ADC
ADC
INAP,
INAM
SYSREFP,
SYSREFM
CLKINP,
CLKINM
PLL
65
Buffer
INBP,
INBM
65
Buffer
DB[1:0]P,
DB[1:0]M
DA[1:0]P,
DA[1:0]M
DA[3:2]P,
DA[3:2]M
DB[3:2]P,
DB[3:2]M
GPIO[4:1]
ADC
N
N
NCO
CTRL
SYNCBP,
SYNCBM
NCO
FOVR
FOVR
NCO
NCO
NCO
ADC
Digital Block
Interleave
Correction
Power
Detection
Digital Block
Interleave
Correction
Power
Detection
Copyright © 2016, Texas Instruments Incorporated
Clock
Divider
SPI
and
Control
CM
N
N
RESET
SCLK
SDATA
SEN
PDN
SDO
22
ADC32RF44
SBAS809A – FEBRUARY 2017 – REVISED MARCH 2017
www.ti.com
Product Folder Links: ADC32RF44
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
9 Detailed Description
9.1 Overview
The ADC32RF44 is a dual, 14-bit, 2.6-GSPS, analog-to-digital converter (ADC) followed by a multi-band digital
down-converter (DDC) that can be bypassed, and a back-end JESD204B digital interface.
The ADCs are preceded by an input buffer and on-chip termination to provide a uniform input impedance over a
large input frequency range. Furthermore, an internal differential clamping circuit provides first-level protection
against overvoltage conditions. Each ADC channel is internally interleaved four times and equipped with
background, analog and digital, and interleaving correction.
The on-chip DDC enables single- or dual-band internal processing to pre-select and filter smaller bands of
interest and also reduces the digital output data traffic. Each DDC is equipped with up to three independent,
16-bit numerically-controlled oscillators (NCOs) for phase coherent frequency hopping; the NCOs can be
controlled through the SPI or GPIO pins. The ADC32RF44 also provides three different power detectors on-chip
with alarm outputs in order to support external automatic gain control (AGC) loops.
The processed data are passed into the JESD204B interface where the data are framed, encoded, serialized,
and output on one to four lanes per channel, depending on the ADC sampling rate and decimation. The CLKIN,
SYSREF, and SYNCB inputs provide the device clock and the SYSREF and SYNCB signals to the JESD204B
interface that are used to derive the internal local frame and local multiframe clocks and establish the serial link.
All features of the ADC32RF44 are configurable through the SPI.
9.2 Functional Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com