Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADC32RF44IRMPR Datasheet(PDF) 45 Page - Texas Instruments

Part # ADC32RF44IRMPR
Description  ADC32RF44 Dual-Channel, 14-Bit, 2.6-GSPS, Analog-to-Digital Converter
PDF  135 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADC32RF44IRMPR Datasheet(HTML) 45 Page - Texas Instruments

Back Button ADC32RF44IRMPR Datasheet HTML 41Page - Texas Instruments ADC32RF44IRMPR Datasheet HTML 42Page - Texas Instruments ADC32RF44IRMPR Datasheet HTML 43Page - Texas Instruments ADC32RF44IRMPR Datasheet HTML 44Page - Texas Instruments ADC32RF44IRMPR Datasheet HTML 45Page - Texas Instruments ADC32RF44IRMPR Datasheet HTML 46Page - Texas Instruments ADC32RF44IRMPR Datasheet HTML 47Page - Texas Instruments ADC32RF44IRMPR Datasheet HTML 48Page - Texas Instruments ADC32RF44IRMPR Datasheet HTML 49Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 135 page
background image
THHH
THHL
BLKPKDET
Crossing Detector Time Period
Crossing Detector Counter
Crossing Detector Counter Threshold
IIR PK DET
Combine
BLKPKDETH
BLKPKDETL
BLKPKDETHL
2-Bit Mode
FILT0LP
SEL
Time
Constant
>FIL0THH
>FIL0THL
1 or 2-Bit
Mode
Time
Constant
>FIL1THH
>FIL1THL
1 or 2-Bit
Mode
IIR PK DET0
IIR PK DET1
2-Bit Mode
10: High
00: Mid
01: Low
1-Bit Mode
With Hysteresis and Dwell
1: High
0: Low
Peak Over
8 Samples
fS
ADC
Output
Block:
Peak Over N
Samples (S`)
S`
fS/8
fS/(8N)
BLKPKDET
N = [1..2
16]
>THHigh
>THLow
Hysteresis
and DWELL
>TLHigh
>TLLow
Hysteresis
and DWELL
BLKTHHH,
BLKTHHL,
BLKTHLH,
BLKTHLL
DWELL
IIR LPF
IIR LPF
45
ADC32RF44
www.ti.com
SBAS809A – FEBRUARY 2017 – REVISED MARCH 2017
Product Folder Links: ADC32RF44
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
9.3.8.2 Crossing Detector
In this detector mode the peak is computed over eight samples of the ADC output. Next, the peak for a block of
N samples (N × S`) is computed over a programmable block length and then the peak is compared against two
sets of programmable thresholds (with hysteresis). The crossing detector counts how many fS / 8 clock cycles
that the block detector outputs are set high over a programmable time period and compares the counter value
against the programmable thresholds. The alarm outputs are updated at the end of the time period, routed to the
GPIO pins, and held in that state through the next cycle, as shown in Figure 105 and Figure 106. Alternatively, a
2-bit format can be used but (because the ADC32RF44 has four GPIO pins available) this feature uses all four
pins for a single channel.
Figure 105. Crossing Detector Implementation
Figure 106. Crossing Detector Timing Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com