Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADC32RF44IRMPR Datasheet(PDF) 43 Page - Texas Instruments

Part # ADC32RF44IRMPR
Description  ADC32RF44 Dual-Channel, 14-Bit, 2.6-GSPS, Analog-to-Digital Converter
PDF  135 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADC32RF44IRMPR Datasheet(HTML) 43 Page - Texas Instruments

Back Button ADC32RF44IRMPR Datasheet HTML 39Page - Texas Instruments ADC32RF44IRMPR Datasheet HTML 40Page - Texas Instruments ADC32RF44IRMPR Datasheet HTML 41Page - Texas Instruments ADC32RF44IRMPR Datasheet HTML 42Page - Texas Instruments ADC32RF44IRMPR Datasheet HTML 43Page - Texas Instruments ADC32RF44IRMPR Datasheet HTML 44Page - Texas Instruments ADC32RF44IRMPR Datasheet HTML 45Page - Texas Instruments ADC32RF44IRMPR Datasheet HTML 46Page - Texas Instruments ADC32RF44IRMPR Datasheet HTML 47Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 135 page
background image
Peak over 8
Samples
fS
Output
of ADC
Block:
Peak over N
Samples (S`)
S`
fS / 8
fS / (8N)
BLKPKDET
N = [1..2
16]
>THHigh
>THLow
Hysteresis
and DWELL
>TLHigh
>TLLow
Hysteresis
and DWELL
BLKPKDETH
BLKPKDETL
BLKTHHH,
BLKTHHL,
BLKTHLH,
BLKTHLL
DWELL
43
ADC32RF44
www.ti.com
SBAS809A – FEBRUARY 2017 – REVISED MARCH 2017
Product Folder Links: ADC32RF44
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
9.3.7 Eye Diagrams
Figure 101 and Figure 102 show the serial output eye diagrams of the ADC32RF44 at 5.0 Gbps and 12 Gbps
against the JESD204B mask.
Figure 101. Data Eye at 5 Gbps
Figure 102. Data Eye at 12 Gbps
9.3.8 Alarm Outputs: Power Detectors for AGC Support
The GPIO pins can be configured as alarm outputs for channels A and B. The ADC32RF44 supports three
different power detectors (an absolute peak power detector, crossing detector, and RMS power detector) as well
as fast overrange from the ADC. The power detectors operate off the full-rate ADC output prior to the decimation
filters.
9.3.8.1 Absolute Peak Power Detector
In this detector mode, the peak is computed over eight samples of the ADC output. Next, the peak for a block of
N samples (N × S`) is computed over a programmable block length and then compared against a threshold to
either set or reset the peak detector output (Figure 103 and Figure 104). There are two sets of thresholds and
each set has two thresholds for hysteresis. The programmable DWELL-time counter is used for clearing the
block detector alarm output.
Figure 103. Peak Power Detector Implementation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com