Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADC32RF44IRMPR Datasheet(PDF) 41 Page - Texas Instruments

Part # ADC32RF44IRMPR
Description  ADC32RF44 Dual-Channel, 14-Bit, 2.6-GSPS, Analog-to-Digital Converter
PDF  135 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADC32RF44IRMPR Datasheet(HTML) 41 Page - Texas Instruments

Back Button ADC32RF44IRMPR Datasheet HTML 37Page - Texas Instruments ADC32RF44IRMPR Datasheet HTML 38Page - Texas Instruments ADC32RF44IRMPR Datasheet HTML 39Page - Texas Instruments ADC32RF44IRMPR Datasheet HTML 40Page - Texas Instruments ADC32RF44IRMPR Datasheet HTML 41Page - Texas Instruments ADC32RF44IRMPR Datasheet HTML 42Page - Texas Instruments ADC32RF44IRMPR Datasheet HTML 43Page - Texas Instruments ADC32RF44IRMPR Datasheet HTML 44Page - Texas Instruments ADC32RF44IRMPR Datasheet HTML 45Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 135 page
background image
u
NCO
16
2.6 GSPS
f
38230
1516.693 MHz
2
u S
NCO
16
DDCxNCOy
f
f
2
41
ADC32RF44
www.ti.com
SBAS809A – FEBRUARY 2017 – REVISED MARCH 2017
Product Folder Links: ADC32RF44
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
The complex exponential sequence is multiplied by the real input from the ADC to mix the desired carrier down
to 0 Hz.
Each ADC channel has two DDCs. The first DDC has three NCOs and the second DDC has one NCO. The first
DDC can dynamically select one of the three NCOs based on the GPIO pin or SPI selection. In wide-bandwidth
mode (lower decimation factors, for example, 4 and 6), there can only be one DDC for each ADC channel. The
NCO frequencies can be programmed independently through the DDCx, NCO[4:1], and the MSB and LSB
register settings.
The NCO frequency setting is set by the 16-bit register value given by Equation 3:
where
•
x = 0, 1
•
y = 1 to 4
(3)
For example:
If fS = 2.6 GSPS, then the NCO register setting = 38230 (decimal).
Thus, fNCO is defined by Equation 4:
(4)
Any register setting changes that occur after the JESD204B interface is operational results in a non-deterministic
NCO phase. If a deterministic phase is required, the JESD204B interface must be reinitialized after changing the
register setting.
In bypass mode (when decimation filters are not used), the NCOs are powered down in order to avoid creating
unwanted spurs.
9.3.5 NCO Switching
The first DDC (DDC0) on each ADC channel provides three different NCOs that can be used for phase-coherent
frequency hopping. This feature is available in both single-band and dual-band mode, but only affects DDC0.
The NCOs can be switched through an SPI control or by using the GPIO pins with the register configurations
shown in Table 5 for channel A (50xxh) and channel B (58Xxh). The assignment of which GPIO pin to use for
INSEL0 and INSEL1 is done based on Table 6, using registers 5438h and 5C38h. The NCO selection is done
based on the logic selection on the GPIO pins; see Table 7 and Figure 99.
Table 5. NCO Register Configurations
REGISTER
ADDRESS
DESCRIPTION
NCO CONTROL THROUGH GPIO PINS
NCO SEL pin
500Fh, 580Fh
Selects the NCO control through the SPI (default) or a GPIO pin.
INSEL0, INSEL1
5438h, 5C38h
Selects which two GPIO pins are used to control the NCO.
NCO CONTROL THROUGH SPI CONTROL
NCO SEL pin
500Fh, 580Fh
Selects the NCO control through the SPI (default) or a GPIO pin.
NCO SEL
5010h, 5810h
Selects which NCO to use for DDC0.
Table 6. GPIO Pin Assignment
INSELx[1:0] (Where x = 0 or 1)
GPIO PIN SELECTED
00
GPIO4
01
GPIO1
10
GPIO3
11
GPIO2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com