Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADC32RF44IRMPR Datasheet(PDF) 108 Page - Texas Instruments

Part # ADC32RF44IRMPR
Description  ADC32RF44 Dual-Channel, 14-Bit, 2.6-GSPS, Analog-to-Digital Converter
PDF  135 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADC32RF44IRMPR Datasheet(HTML) 108 Page - Texas Instruments

Back Button ADC32RF44IRMPR Datasheet HTML 104Page - Texas Instruments ADC32RF44IRMPR Datasheet HTML 105Page - Texas Instruments ADC32RF44IRMPR Datasheet HTML 106Page - Texas Instruments ADC32RF44IRMPR Datasheet HTML 107Page - Texas Instruments ADC32RF44IRMPR Datasheet HTML 108Page - Texas Instruments ADC32RF44IRMPR Datasheet HTML 109Page - Texas Instruments ADC32RF44IRMPR Datasheet HTML 110Page - Texas Instruments ADC32RF44IRMPR Datasheet HTML 111Page - Texas Instruments ADC32RF44IRMPR Datasheet HTML 112Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 108 / 135 page
background image
108
ADC32RF44
SBAS809A – FEBRUARY 2017 – REVISED MARCH 2017
www.ti.com
Product Folder Links: ADC32RF44
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
9.5.13.7 Register 00Eh (address = 00Eh), Power Detector Page
Figure 204. Register 00Eh
7
6
5
4
3
2
1
0
0
0
0
0
TIMECONST
W-0h
W-0h
W-0h
W-0h
R/W-0h
LEGEND: R/W = Read/Write; W = Write only; -n = value after reset
Table 105. Register 00Eh Field Descriptions
Bit
Field
Type
Reset
Description
7-4
0
W
0h
Must write 0
3-0
TIMECONST
R/W
0h
These bits set the crossing detector time period for N = 0 to 15
as 2N × fS / 8 clock cycles. The maximum time period is 32768 ×
fS / 8 clock cycles (approximately 100 µs at 2.6 GSPS).
9.5.13.8 Register 00Fh, 010h-012h, and 016h-019h (address = 00Fh, 010h-012h, and 016h-019h), Power
Detector Page
Figure 205. Register 00Fh
7
6
5
4
3
2
1
0
FIL0THH[7:0]
R/W-0h
LEGEND: R/W = Read/Write; -n = value after reset
Figure 206. Register 010h
7
6
5
4
3
2
1
0
FIL0THH[15:8]
R/W-0h
LEGEND: R/W = Read/Write; -n = value after reset
Figure 207. Register 011h
7
6
5
4
3
2
1
0
FIL0THL[7:0]
R/W-0h
LEGEND: R/W = Read/Write; -n = value after reset
Figure 208. Register 012h
7
6
5
4
3
2
1
0
FIL0THL[15:8]
R/W-0h
LEGEND: R/W = Read/Write; -n = value after reset
Figure 209. Register 016h
7
6
5
4
3
2
1
0
FIL1THH[7:0]
R/W-0h
LEGEND: R/W = Read/Write; -n = value after reset



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com