Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADC32RF44IRMPR Datasheet(PDF) 115 Page - Texas Instruments

Part # ADC32RF44IRMPR
Description  ADC32RF44 Dual-Channel, 14-Bit, 2.6-GSPS, Analog-to-Digital Converter
PDF  135 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADC32RF44IRMPR Datasheet(HTML) 115 Page - Texas Instruments

Back Button ADC32RF44IRMPR Datasheet HTML 111Page - Texas Instruments ADC32RF44IRMPR Datasheet HTML 112Page - Texas Instruments ADC32RF44IRMPR Datasheet HTML 113Page - Texas Instruments ADC32RF44IRMPR Datasheet HTML 114Page - Texas Instruments ADC32RF44IRMPR Datasheet HTML 115Page - Texas Instruments ADC32RF44IRMPR Datasheet HTML 116Page - Texas Instruments ADC32RF44IRMPR Datasheet HTML 117Page - Texas Instruments ADC32RF44IRMPR Datasheet HTML 118Page - Texas Instruments ADC32RF44IRMPR Datasheet HTML 119Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 115 / 135 page
background image
115
ADC32RF44
www.ti.com
SBAS809A – FEBRUARY 2017 – REVISED MARCH 2017
Product Folder Links: ADC32RF44
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
10 Application and Implementation
NOTE
Information in the following applications sections is not part of the TI component
specification, and TI does not warrant its accuracy or completeness. TI’s customers are
responsible for determining suitability of components for their purposes. Customers should
validate and test their design implementation to confirm system functionality.
10.1 Application Information
10.1.1 Start-Up Sequence
The steps in Table 118 are recommended as the power-up sequence when the ADC32RF44 is in bypass mode
with a 12-bit output (LMFS = 82820).
Table 118. Initialization Sequence
STEP
DESCRIPTION
PAGE, REGISTER
ADDRESS AND DATA
COMMENT
1
Supply all supply voltages. There is no required
power-supply sequence for the 1.15 V, 1.2 V,
and 1.9 V supplies, and can be supplied in any
order.
—
—
2
Provide the SYSREF signal.
—
—
3
Pulse a hardware reset (low-to-high-to-low) on
pins 33 and 34.
—
—
4
Write the register addresses described in the
PowerUpConfig file.
See the files located in
SBAA226
The Power-up config file contains analog
trim registers that are required for best
performance of the ADC. Write these
registers every time after power up.
5
Write the register addresses mentioned in the
ILConfigNyqX_ChA file, where X is the Nyquist
zone.
See the files located in
SBAA226
Based on the signal band of interest, provide
the Nyquist zone information to the device.
6
Write the register addresses mentioned in the
ILConfigNyqX_ChB file, where X is the Nyquist
zone.
See the files located in
SBAA226
This step optimizes device’ performance by
reducing interleaving mismatch errors.
6.1
Wait for 50 ms for the device to estimate the
interleaving errors.
—
—
7
Depending upon the Nyquist band of operation,
choose and write the registers from the
appropriate file, NLConfigNyqX_ChA, where X
is the Nyquist zone.
See the files located in
SBAA226
Third-order nonlinearity of the device is
optimized by this step for channel A.
7.1
Depending upon the Nyquist band of operation,
choose and write the registers from the
appropriate file, NLConfigNyqX_ChB, where X
is the Nyquist zone.
See the files located in
SBAA226
Third-order nonlinearity of the device is
optimized by this step for channel B.
8
Configure the JESD interface and DDC block
by writing the registers mentioned in the DDC
Config file.
See the files located in
SBAA226
Determine the DDC and JESD interface
LMFS options. Program these options in this
step.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com