Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADC32RF44IRMPR Datasheet(PDF) 124 Page - Texas Instruments

Part # ADC32RF44IRMPR
Description  ADC32RF44 Dual-Channel, 14-Bit, 2.6-GSPS, Analog-to-Digital Converter
PDF  135 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADC32RF44IRMPR Datasheet(HTML) 124 Page - Texas Instruments

Back Button ADC32RF44IRMPR Datasheet HTML 120Page - Texas Instruments ADC32RF44IRMPR Datasheet HTML 121Page - Texas Instruments ADC32RF44IRMPR Datasheet HTML 122Page - Texas Instruments ADC32RF44IRMPR Datasheet HTML 123Page - Texas Instruments ADC32RF44IRMPR Datasheet HTML 124Page - Texas Instruments ADC32RF44IRMPR Datasheet HTML 125Page - Texas Instruments ADC32RF44IRMPR Datasheet HTML 126Page - Texas Instruments ADC32RF44IRMPR Datasheet HTML 127Page - Texas Instruments ADC32RF44IRMPR Datasheet HTML 128Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 124 / 135 page
background image
AVDD
(1.15 V)
DVDD
(1.15 V)
AVDD19
(1.9 V)
124
ADC32RF44
SBAS809A – FEBRUARY 2017 – REVISED MARCH 2017
www.ti.com
Product Folder Links: ADC32RF44
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
11 Power Supply Recommendations
The DVDD power supply (1.15 V) must be stable before ramping up the AVDD19 supply (1.9 V), as shown in
Figure 243. The AVDD supply (1.15 V) can come up in any order during the power sequence. The power
supplies can ramp up at any rate and there is no hard requirement for the time delay between DVDD (1.15 V)
ramping up to AVDD (1.9 V) ramping up (which can be in orders of microseconds but is recommended to be a
few milliseconds).
Figure 243. Power Sequencing for the ADC32RF8x Family of Devices
12 Layout
12.1 Layout Guidelines
The device evaluation module (EVM) layout can be used as a reference layout to obtain the best performance. A
layout diagram of the EVM top layer is provided in Figure 244. The ADC32RF45/RF80 EVM Quick Startup Guide
provides a complete layout of the EVM. Some important points to remember during board layout are:
•
Analog inputs are located on opposite sides of the device pinout to ensure minimum crosstalk on the package
level. To minimize crosstalk onboard, the analog inputs must exit the pinout in opposite directions, as shown
in the reference layout of Figure 244 as much as possible.
•
In the device pinout, the sampling clock is located on a side perpendicular to the analog inputs in order to
minimize coupling. This configuration is also maintained on the reference layout of Figure 244 as much as
possible.
•
Keep digital outputs away from the analog inputs. When these digital outputs exit the pinout, the digital output
traces must not be kept parallel to the analog input traces because this configuration can result in coupling
from the digital outputs to the analog inputs and degrade performance. All digital output traces to the receiver
[such as field-programmable gate arrays (FPGAs) or application-specific integrated circuits (ASICs)] must be
matched in length to avoid skew among outputs.
•
At each power-supply pin (AVDD, DVDD, or AVDD19), keep a 0.1-µF decoupling capacitor close to the
device. A separate decoupling capacitor group consisting of a parallel combination of 10-µF, 1-µF, and 0.1-µF
capacitors can be kept close to the supply source.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com