Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9026 Datasheet(PDF) 57 Page - STMicroelectronics

Part # L9026
Description  Automotive configurable multi-channel relay driver 2HS 6HS/LS
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9026 Datasheet(HTML) 57 Page - STMicroelectronics

Back Button L9026 Datasheet HTML 52Page - STMicroelectronics L9026 Datasheet HTML 53Page - STMicroelectronics L9026 Datasheet HTML 54Page - STMicroelectronics L9026 Datasheet HTML 55Page - STMicroelectronics L9026 Datasheet HTML 56Page - STMicroelectronics L9026 Datasheet HTML 57Page - STMicroelectronics L9026 Datasheet HTML 58Page - STMicroelectronics L9026 Datasheet HTML 59Page - STMicroelectronics L9026 Datasheet HTML 60Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 57 / 60 page
background image
7.3
Bulb inrush mode ............................................................. 23
7.4
PWM generators .............................................................. 24
7.4.1
PWM GEN ............................................................ 24
7.4.2
PWM LED ............................................................. 25
7.5
Power stages electrical specifications ............................................ 26
8
Protection functions ..............................................................29
8.1
Overload protection............................................................ 29
8.2
Overtemperature protection ..................................................... 31
8.3
Overtemperature and overload in Limp Home mode ................................ 31
8.4
Reverse polarity protection ..................................................... 31
8.5
Electrical characteristics........................................................ 31
9
Diagnosis ........................................................................33
9.1
Overload and overtemperature .................................................. 33
9.2
OFF diagnosis ................................................................ 33
9.3
Open load at ON .............................................................. 34
9.3.1
Open load at ON (diagnosis mechanism) ..................................... 34
9.3.2
Open load at ON bit ..................................................... 35
9.4
Electrical parameters .......................................................... 36
10
Limp Home mode .................................................................37
11
SPI ...............................................................................39
11.1
SPI protocol .................................................................. 39
11.2
Daisy chain capability .......................................................... 40
11.3
SPI electrical specifications ..................................................... 40
11.4
SPI timing diagram ............................................................ 41
11.5
SPI frame structure ............................................................ 42
11.5.1
MOSI frame structure .................................................... 42
11.5.2
MISO frame structure .................................................... 42
11.6
SPI register .................................................................. 42
11.6.1
Register structure ....................................................... 42
12
Package information..............................................................49
12.1
VFQFPN32 (5x5x1 mm exp. pad down 3.5x3.5) package information.................. 49
12.2
HTSSOP24 (7.8x6.4x1 mm exp. pad down 5.0x3.2) package information .............. 52
Revision history .......................................................................55
L9026
Contents
DS13397 - Rev 9
page 57/60



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com