Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9026 Datasheet(PDF) 24 Page - STMicroelectronics

Part # L9026
Description  Automotive configurable multi-channel relay driver 2HS 6HS/LS
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9026 Datasheet(HTML) 24 Page - STMicroelectronics

Back Button L9026 Datasheet HTML 20Page - STMicroelectronics L9026 Datasheet HTML 21Page - STMicroelectronics L9026 Datasheet HTML 22Page - STMicroelectronics L9026 Datasheet HTML 23Page - STMicroelectronics L9026 Datasheet HTML 24Page - STMicroelectronics L9026 Datasheet HTML 25Page - STMicroelectronics L9026 Datasheet HTML 26Page - STMicroelectronics L9026 Datasheet HTML 27Page - STMicroelectronics L9026 Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 60 page
background image
7.4
PWM generators
Device has two independent PWM generators, which are defined as “PWM GEN” and “PWM LED” here below.
The two PWM generators can be associated to one or more channels, is possible to configure it with various
frequencies and duty cycle. Both refer to the same base frequency fINT (8 MHz typ.) even if two separate pre-
scalers can be defined.
7.4.1
PWM GEN
The first PWM generator is called PWM GEN. Its frequency pre-scaler can be adjusted using
CFG_1.PWM_DIV_GEN bits to program target frequency and using CFG_2.FR_ADJ bits to modulate fine
adjustments around the target. Configuration of fine adjustment is described in Table 12 while target frequency
setting is reported in Table 13.
Table 12. Adjustment coefficients
CFG_2.FR_ADJ
Absolute delta to fINT divider
00B
0 %
01B
-15 %
10B
+15 %
11B
0 %
The user can set the following parameters to configure the PWM generator:
•
duty cycle (bits PWM_GEN_DC.DUTY_CYCLE)
–
8 configuration bits are available, with 100/255 duty cycle resolution for each LSB
–
The maximum duty cycle achievable is 100% (PWM_GEN_DC.DUTY_CYCLE set to “11111111B”)
–
In case the duty cycle is changed, the next target is applied once the previous PWM period is over
and the new one is started. Once a new target is programmed, the behavior above is valid also if the
current duty is 100% while when the current duty is 0% the new target value is applied immediately.
•
frequency (bits CFG_1.PWM_DIV_GEN)
–
2 configuration bits are available to select the frequency among 4 target values
Table 13. PWM GEN generator available frequencies
CFG_1.PWM_DIV_GEN
PWM frequency
00B
122.5 Hz
01B
245.1 Hz
10B
490.2 Hz
11B
980.4 Hz
•
Channels driven by PWM GEN (PWM_SEL and PWM_MAP registers)
The correct sequence to use the PWM generator is:
•
define the frequency divider through CFG_1.PWM_DIV_GEN bit.
•
define duty cycle control register through PWM_GEN_DC register.
•
set up channel output control through PWM_SEL register (PWM GEN corresponds to 0)
•
define channels driven by PWM selected in PWM_SEL through mapping register PWM_MAP
In order to clarify how to select the source that can drive the channels command, the driving tree with all possible
sources (ie PWM generators, SPI and parallel inputs) is reported in Figure 12.
L9026
Power stages
DS13397 - Rev 9
page 24/60



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com