Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9026 Datasheet(PDF) 36 Page - STMicroelectronics

Part # L9026
Description  Automotive configurable multi-channel relay driver 2HS 6HS/LS
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9026 Datasheet(HTML) 36 Page - STMicroelectronics

Back Button L9026 Datasheet HTML 32Page - STMicroelectronics L9026 Datasheet HTML 33Page - STMicroelectronics L9026 Datasheet HTML 34Page - STMicroelectronics L9026 Datasheet HTML 35Page - STMicroelectronics L9026 Datasheet HTML 36Page - STMicroelectronics L9026 Datasheet HTML 37Page - STMicroelectronics L9026 Datasheet HTML 38Page - STMicroelectronics L9026 Datasheet HTML 39Page - STMicroelectronics L9026 Datasheet HTML 40Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 60 page
background image
9.4
Electrical parameters
3 V ≤ VDDIO ≤5.5; 6 V ≤ VBATT ≤ 18 V; -40 °C ≤ Tj ≤ 150 °C unless otherwise noticed. All voltages are referred
to GND pin.
Table 18. Output status and open load ON electrical parameters
Symbol
Description
Test condition
Min
Typ
Max
Unit
Output status monitor
VDS(OL)
Output Status Monitor threshold
voltage
VBATT = 14 V; Active
1.7
1.95
2.2
V
IOLD_LS
Output diagnosis pull down current
(channels used as Low Side)
VDRAIN = 14V (channels
used as Low Side)
290
-
550
µA
IOLU_LS
Output diagnosis pull up current
(channels used as Low Side)
VDRAIN = 0 V (channels used
as Low Side)
-260
-
-140
µA
IOLD_HS
Output diagnosis pull down current
(channels used as High Side)
VSOURCE = 14 V (channels
used as High Side)
320
-
520
µA
IOLU_HS
Output diagnosis pull up current
(channels used as High Side)
VSOURCE = 0 V (channels
used as High Side)
-310
-
-160
µA
Open load at ON
tOPLCYC
Open Load at ON Diagnosis cycle
time
Covered by SCAN
120
160
210
ms
tOPLEN
Open Load at ON Diagnosis time
Covered by SCAN
30
45
55
µs
tOFF1LS
Diag OFF LS first window
Covered by SCAN
0.96
1.03
1.28
ms
tOFF2LS
Diag OFF LS second window
Covered by SCAN
210
250
290
µs
tOFF1HS
Diag OFF HS first window
Covered by SCAN
210
250
290
µs
tOFF2HS
Diag OFF HS second window
Covered by SCAN
0.96
1.03
1.28
ms
VTH(OPLON)
Voltage threshold for HS OPL ON
Diagnosis at VS pin
Active mode
VDrain-1.3 VDrain-1.2 VDrain-1.1
V
ITH(OPLON)
Current provided by the source while
forcing VBAT-3V on Source pin
VS = VBAT-3 V; Active mode
1.2
-
2
mA
L9026
Diagnosis
DS13397 - Rev 9
page 36/60



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com