Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9026 Datasheet(PDF) 12 Page - STMicroelectronics

Part # L9026
Description  Automotive configurable multi-channel relay driver 2HS 6HS/LS
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9026 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button L9026 Datasheet HTML 8Page - STMicroelectronics L9026 Datasheet HTML 9Page - STMicroelectronics L9026 Datasheet HTML 10Page - STMicroelectronics L9026 Datasheet HTML 11Page - STMicroelectronics L9026 Datasheet HTML 12Page - STMicroelectronics L9026 Datasheet HTML 13Page - STMicroelectronics L9026 Datasheet HTML 14Page - STMicroelectronics L9026 Datasheet HTML 15Page - STMicroelectronics L9026 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 60 page
background image
5.6
Input / output electrical specifications
3 V ≤ VDDIO ≤ 5.5 V; 6 V ≤ VBATT ≤ 18 V; -40 °C ≤ Tj ≤ 150 °C unless otherwise specified. All voltages are
referred to GND pin.
Table 7. Digital input/output electrical performance
Parameter
Description
Test condition
Min Typ Max Unit
Pin
VIDLE(L)
L-input level
-
-
-
0.8
V
IDLE
VIDLE(H)
H-input level
-
2
-
V
IDLE
RIDLE
Input pull-down resistor at IDLE pin
VDDIO = 5 V; VDIS = 2 V
60
125
kΩ
IDLE
VIN(L)
L-input level
-
-
-
0.8
V
IN0-IN1
VIN(H)
H-input level
-
2
V
IN0-IN1
RIN
Input pull-down resistor at IN0 and IN1 pin
VDDIO = 5 V; VDIS = 2 V
60
-
125
kΩ
IN0-IN1
VNRES(L)
L-input level
-
-
-
0.8
V
NRES
VNRES(H)
H-input level
-
2
-
V
NRES
RNRES
Input pull-down resistor at NRES pin
VDDIO = 5 V; VDIS = 2 V
50
-
140
kΩ
NRES
VDIS(L)
L-input level
-
-
-
0.8
V
DIS
VDIS(H)
H-input level
-
2
-
V
DIS
RDIS
Input pull-up resistor at DIS pin
VDDIO = 5 V; VDIS = 0.8 V
40
-
95
kΩ
DIS
L9026
Input/Output
DS13397 - Rev 9
page 12/60



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com