Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9026 Datasheet(PDF) 1 Page - STMicroelectronics

Part # L9026
Description  Automotive configurable multi-channel relay driver 2HS 6HS/LS
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9026 Datasheet(HTML) 1 Page - STMicroelectronics

  L9026 Datasheet HTML 1Page - STMicroelectronics L9026 Datasheet HTML 2Page - STMicroelectronics L9026 Datasheet HTML 3Page - STMicroelectronics L9026 Datasheet HTML 4Page - STMicroelectronics L9026 Datasheet HTML 5Page - STMicroelectronics L9026 Datasheet HTML 6Page - STMicroelectronics L9026 Datasheet HTML 7Page - STMicroelectronics L9026 Datasheet HTML 8Page - STMicroelectronics L9026 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 60 page
background image
Features
•
AEC-Q100 qualified
•
Full ISO26262 compliant, ASIL-B systems ready
•
Six configurable LS/HS drivers
•
Two High side drivers
•
2 parallel input pins with input mapping functionality
•
Cranking capability down to VBATT = 3 V
•
Digital supply voltage compatible with 3.3 V and 5 V microcontroller
•
Reverse battery protection on VBATT and on drain pins without external
components
•
BIM (bulb inrush mode) especially designed for drive resistive and capacitive
loads
•
Limp home mode (with usage of IDLE and IN pins)
•
Safety features
–
Temperature sensor and monitoring
–
Serial communications using address feedback, one parity bit, frame
counter and short frame detection
•
SPI interface 16-bit for outputs control and for diagnosis data communication
•
Package options: HTSSOP24, VFQFPN32
•
Green product (RoHS compliant)
Description
The L9026 is an eight-channel IC, with two fixed HS drivers and six configurable
HS/LS drivers designed for automotive applications (LEDs and relays) and
compatible with resistive, inductive and capacitive loads. The device offers advanced
diagnostic and protection functionalities such as: short to GND, open load,
overcurrent, overtemperature detections. The eight output channels can be either
driven by SPI or by two dedicated parallel inputs. Limp home functionality is also
featured, which allows using two selected drivers in particularly faulty conditions,
such as SPI fault, micro fault or supply UV. Daisy chain compatible even with 8bit SPI
is available. The device is able to guarantee operations under a cranking scenario
down to VBATT = 3 V and guarantees very low quiescent current under RESET
condition.
L9026 has two input pins available connected to two outputs by default, in case of
using different or additional outputs, it is managed by SPI.
For a direct control and PWM L9026 has two input pins available connected to two
outputs by default, in case of manage different or additional output it is controlled by
SPI.
The device is available in two package versions: HTSSOP24 and VFQFPN32. Only
for the QFN package 2 additional pins are available for safety reasons. In details, the
NRES pin is used to reset internal registers to their default values and the DIS pin is
used to disable all channels.
VFQFPN32 exposed pad down
(5x5x1 mm)
HTSSOP24 exposed pad down
(7.8x6.4x1 mm)
Product status link
L9026
Product summary
Order code
L9026-B03N-TR
Package
VFQFPN32
Packing
Tape and reel
Order code
L9026-YO-TR
Package
HTSSOP24
Packing
Tape and reel
Automotive configurable multi-channel relay driver 2HS + 6HS/LS
L9026
Datasheet
DS13397 - Rev 9 - July 2025
For further information, contact your local STMicroelectronics sales office.
www.st.com


Similar Part No. - L9026

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L9026 STMICROELECTRONICS-L9026 Datasheet
5Mb / 60P
Automotive configurable multi-channel relay driver 2HS 6HS/LS
Rev 5 - March 2021
L9026-B03N-TR STMICROELECTRONICS-L9026-B03N-TR Datasheet
5Mb / 60P
Automotive configurable multi-channel relay driver 2HS 6HS/LS
Rev 5 - March 2021
L9026-YO-TR STMICROELECTRONICS-L9026-YO-TR Datasheet
5Mb / 60P
Automotive configurable multi-channel relay driver 2HS 6HS/LS
Rev 5 - March 2021
More results

Similar Description - L9026

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L6460 STMICROELECTRONICS-L6460 Datasheet
3Mb / 139P
SPI configurable stepper and DC multi motor driver
02-Jul-2010
logo
Diodes Incorporated
ULN2003F12 DIODES-ULN2003F12 Datasheet
448Kb / 8P
Multi-Channel Relay and Inductive Load Sink Driver
Rev 1
logo
STMicroelectronics
L99MC6GJ STMICROELECTRONICS-L99MC6GJ Datasheet
1Mb / 55P
Automotive configurable 6-channel device
21-Nov-2016
logo
ON Semiconductor
NCV7748 ONSEMI-NCV7748 Datasheet
518Kb / 30P
Automotive LIN Low-Side Relay Driver
July, 2017 ??Rev. 1
NCV7748 ONSEMI-NCV7748_17 Datasheet
518Kb / 30P
Automotive LIN Low-Side Relay Driver
October, 2017 ??Rev. 2
logo
Diodes Incorporated
ULN2003V12 DIODES-ULN2003V12_17 Datasheet
432Kb / 8P
Multi-Channel Relay and Inductive Load Sink Driver
Rev 2
logo
Texas Instruments
DRV8904-Q1 TI1-DRV8904-Q1 Datasheet
1Mb / 96P
Automotive multi-channel half-bridge driver
logo
STMicroelectronics
EVAL-L9026-YO STMICROELECTRONICS-EVAL-L9026-YO Datasheet
3Mb / 10P
L9026 configurable multi-channel driver evaluation board
Rev 1 - August 2020
L9026 STMICROELECTRONICS-L9026 Datasheet
5Mb / 60P
Automotive configurable multi-channel relay driver 2HS 6HS/LS
Rev 5 - March 2021
L99MOD51XP STMICROELECTRONICS-L99MOD51XP Datasheet
1Mb / 33P
Multi-output driver for automotive applications
25-Oct-2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com