Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9026 Datasheet(PDF) 26 Page - STMicroelectronics

Part # L9026
Description  Automotive configurable multi-channel relay driver 2HS 6HS/LS
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9026 Datasheet(HTML) 26 Page - STMicroelectronics

Back Button L9026 Datasheet HTML 22Page - STMicroelectronics L9026 Datasheet HTML 23Page - STMicroelectronics L9026 Datasheet HTML 24Page - STMicroelectronics L9026 Datasheet HTML 25Page - STMicroelectronics L9026 Datasheet HTML 26Page - STMicroelectronics L9026 Datasheet HTML 27Page - STMicroelectronics L9026 Datasheet HTML 28Page - STMicroelectronics L9026 Datasheet HTML 29Page - STMicroelectronics L9026 Datasheet HTML 30Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 60 page
background image
The user can set the following parameters to configure the PWM generator:
•
duty cycle (bits PWM_LED_DC.DUTY_CYCLE)
–
8 configuration bits are available, with 100/255 duty cycle resolution for each LSB
–
The maximum duty cycle achievable is 100% (PWM_LED_DC.DUTY_CYCLE set to “11111111B”)
–
In case the duty cycle is changed, the next target is applied once the previous PWM period is over
and the new one is started. Once a new target is programmed, the behavior above is valid also if the
current duty is 100% while when the current duty is 0% the new target value is applied immediately.
•
frequency (bits CFG_1.PWM_DIV_LED)
–
2 configuration bits are available to select the frequency among 4 target values
Table 14. PWM LED generator available frequencies
CFG_2.PWM_DIV_LED
PWM frequency
00B
122.5 Hz
01B
245.1 Hz
10B
490.2 Hz
11B
980.4 Hz
•
Channels driven by PWM LED (PWM_SEL and PWM_MAP registers)
The correct sequence to use the PWM LED generator is:
•
define the frequency divider through CFG_1.PWM_LED_GEN bit.
•
define duty cycle control register through PWM_LED_DC register.
•
set up channel output control through PWM_SEL register (PWM LED corresponds to 0)
•
define channels driven by PWM selected in PWM_SEL through mapping register PWM_MAP
7.5
Power stages electrical specifications
3 V ≤ VDDIO ≤ 5.5 V; 6 ≤ VBATT ≤ 18 V; -40 °C ≤ Tj ≤ 150 °C unless otherwise noted. All voltages are referred to
GND pin.
Table 15. Power stages electrical parameters
Parameter
Description
Test condition
Min Typ
Max
Unit
RDS(ON)
On-State Resistance
TJ = 25 °C
-
0.75
-
Ω
RDS(ON)
On-State Resistance
TJ = 150 °C; IL = 100 mA
-
-
1.5
Ω
IL(NOM)
Nominal load current (all channels active) TJ ≤ 150 °C; Design info
-
260
500
mA
EAS
Maximum energy dissipation single pulse T = 25 °C, IL = 2XIL(EAR)
-
-
50
mJ
EAS
Maximum energy dissipation single pulse T = 150 °C, IL = 400 mA
-
-
25
mJ
IL(EAR)
Load current for maximum energy
dissipation – repetitive (all channels
active)
TJ ≤ 150 °C; Design info
-
220
-
mA
EAR
Maximum energy dissipation repetitive
pulses - 2*IL(EAR) (two channels in
parallel)
TJ(0) = 85 °C; IL(0) = 2*IL(EAR); 2*106
cycles
-
-
15
mJ
EAR
Maximum energy dissipation repetitive
pulses - IL(EAR)
T = 85 °C, 2*10exp6 cycles
-
-
10
mJ
VDS
Voltage at power transistor
-
-0.3
-
VD(CL)
V
VD(CL)
Drain to GND Output clamping voltage
LS
IL = 10 mA; Low-Side Configuration
45
47
49
V
VS(CL)
Source to GND Output clamping voltage
HS
IL = 10 mA; VBATT = VOUT_Dn = 7 V; High-
Side Configuration
-18
-17
-16
V
L9026
Power stages
DS13397 - Rev 9
page 26/60



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com