Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9026 Datasheet(PDF) 22 Page - STMicroelectronics

Part # L9026
Description  Automotive configurable multi-channel relay driver 2HS 6HS/LS
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9026 Datasheet(HTML) 22 Page - STMicroelectronics

Back Button L9026 Datasheet HTML 18Page - STMicroelectronics L9026 Datasheet HTML 19Page - STMicroelectronics L9026 Datasheet HTML 20Page - STMicroelectronics L9026 Datasheet HTML 21Page - STMicroelectronics L9026 Datasheet HTML 22Page - STMicroelectronics L9026 Datasheet HTML 23Page - STMicroelectronics L9026 Datasheet HTML 24Page - STMicroelectronics L9026 Datasheet HTML 25Page - STMicroelectronics L9026 Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 60 page
background image
Figure 9. Switching resistive loads
OUTn driving
signal
Tdelay(ON)
Tdelay(OFF)
Vds
90%
10%
7.1.2
Inductive output clamp
Due to the fact that inductance still drives the current the voltage across the power switch increases until reaching
VDS(CL) in case of switching off inductive loads.
The voltage clamping is necessary to prevent device destruction and protects the device in all operative modes.
The maximum allowed load inductance is limited by the max energy.
The clamping structure protects the device in all operative modes (Sleep, Idle, Active, Limp Home).
Figure 10. Output clamp concept
7.1.3
Maximum load inductance
The device needs to dissipate energy when the inductive loads are switched. Eq. (1) and Eq. (2) compute
respectively the energy for low side and high side MOSFET.
E=VDSCL⋅ VS−VDSCL
RL ⋅In⋅ 1− RL⋅IL
VS−VDSCL +IL ⋅ LRL
(1)
E= VS−VDSCL ⋅ VOUTSCLRL ⋅In⋅ 1− RL⋅IL
VOUTSCL +IL ⋅ LRL
(2)
The maximum energy that can be dissipated is constrained by the device package. the ear listed in Table 15
consider that all channels dissipate the same energy switching off at the same time.
L9026
Power stages
DS13397 - Rev 9
page 22/60



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com