Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9026 Datasheet(PDF) 23 Page - STMicroelectronics

Part # L9026
Description  Automotive configurable multi-channel relay driver 2HS 6HS/LS
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9026 Datasheet(HTML) 23 Page - STMicroelectronics

Back Button L9026 Datasheet HTML 19Page - STMicroelectronics L9026 Datasheet HTML 20Page - STMicroelectronics L9026 Datasheet HTML 21Page - STMicroelectronics L9026 Datasheet HTML 22Page - STMicroelectronics L9026 Datasheet HTML 23Page - STMicroelectronics L9026 Datasheet HTML 24Page - STMicroelectronics L9026 Datasheet HTML 25Page - STMicroelectronics L9026 Datasheet HTML 26Page - STMicroelectronics L9026 Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 60 page
background image
7.2
Inverse current behavior
Inverse current (VOUTn_S > VOUTn_D) in high-side configuration may occur with channels in ON or in OFF state. A
reverse current applied to a specific channel has no impact on the general functionality (switch ON and OFF,
protection, diagnostic) of unaffected channels.
The channels affected by the current inversion can show driving capability degradation besides off diagnosis and
overcurrent protection unavailability. The reliability in Limp Home condition for the unaffected channels remains
unchanged.
7.3
Bulb inrush mode
The device is made especially for drives relays and LED but could happen that one or more output can be used
as high-side switches to drive small lamps or electronic loads with a big capacitor. In such a case the inrush
current at startup may trigger the overload diagnostic, switching the channel OFF.
In normal operation in order to re-engage the channels from an overload condition, an SPI command to clear the
latches (register DIAG_OVC_OVT) is needed, to allow the channel turning ON again; for some applications this
re-engagement procedure takes too long to transfer enough energy to activate the load.
The IC provides the means to overcome this issue by setting BIM.OUTn bit to “1”.
Once this feature is enabled, in case the channel reaches the overload current threshold and latches OFF, it
restarts automatically after a time tINRUSH, allowing the load to go out of the inrush phase. The automatic re-
engagement of the faulty channels lasts for a BIM time (tBIM). Once the tBIM counter is started, it is reset only
once the tBIM is expired, unless a reset condition occurs (VDDIO_uv, hardware or software reset).
A time diagram is shown in Figure 11. The channel configured with BIM option can be either driven by an SPI
command, PWM command (internal generator) or INn parallel input. Once programmed to “1” via SPI, the
BIM.OUTn bit is set back to “0” at the end of BIM time (tBIM), unless a reset condition occurs (VDDIO_uv,
hardware or software reset): an eventual switch off of the channel commanded by the user has no impact on
BIM.OUTn configuration.
Figure 11. Bulb inrush mode
When BIM.OUTn are set to “1”, eventual overcurrent/overtemperature conditions will flag DIAG_OVC_OVT.OUTn
bit, but the affected channels will not be permanently switched OFF. Once asserted, eventual SPI attempt to clear
DIAG_OVC_OVT.OUTn will be ignored, until the BIM counter is expired. In order to resume the normal behavior
when the BIM counter is expired, the DIAG_OVC_OVT.OUTn shall be cleared in order to allow IC to perform open
load ON diagnosis.
The bit BIM.OUTn is set to “0” by an internal timer sets after 40 ms (refer to parameter tBIM) starting from the first
overcurrent event latched to avoid the thermal stress of the channel in case of short circuit at the output.
L9026
Power stages
DS13397 - Rev 9
page 23/60



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com