Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9026 Datasheet(PDF) 4 Page - STMicroelectronics

Part # L9026
Description  Automotive configurable multi-channel relay driver 2HS 6HS/LS
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9026 Datasheet(HTML) 4 Page - STMicroelectronics

  L9026 Datasheet HTML 1Page - STMicroelectronics L9026 Datasheet HTML 2Page - STMicroelectronics L9026 Datasheet HTML 3Page - STMicroelectronics L9026 Datasheet HTML 4Page - STMicroelectronics L9026 Datasheet HTML 5Page - STMicroelectronics L9026 Datasheet HTML 6Page - STMicroelectronics L9026 Datasheet HTML 7Page - STMicroelectronics L9026 Datasheet HTML 8Page - STMicroelectronics L9026 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 60 page
background image
Figure 3. VFQFPN32 Application schematic
Table 1. External components list for L9026 application circuit
Pin
External components
Requirement
Comment
Type
Min Typ Max Unit
VBATT
Capacitor
-
120
-
nF
(2), (3)
Tolerance ±20% 50 V
Capacitor
-
100
-
μF
(2)
50 V, Transient and load dump protection
TVS
- 15
-
38
V
(4)
Transient voltage suppressor
Capacitor
-
10
-
μF
(2), (3)
Tolerance ±20%
50 V, Transient and load dump protection
VDDIO
Capacitor
-
100
-
nF
(2)
Tolerance ±10% 50 V
DRAIN2 DRAIN7
Capacitor
-
-
12
nF
(3)
Maximum total capacitance value at output load
(channel configured as low side)
DRAIN0 DRAIN7
47
-
-
(4)
Minimum capacitance value at load supply (channel
configured as high side, DRAIN0 and DRAIN1 if
available)
SOURCE0
SOURCE7
Capacitor
-
-
12
nF
(3)
Maximum total capacitance value as output load
(channel configured as high side)
L9026
Application circuit
DS13397 - Rev 9
page 4/60



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com