Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9026 Datasheet(PDF) 7 Page - STMicroelectronics

Part # L9026
Description  Automotive configurable multi-channel relay driver 2HS 6HS/LS
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9026 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button L9026 Datasheet HTML 3Page - STMicroelectronics L9026 Datasheet HTML 4Page - STMicroelectronics L9026 Datasheet HTML 5Page - STMicroelectronics L9026 Datasheet HTML 6Page - STMicroelectronics L9026 Datasheet HTML 7Page - STMicroelectronics L9026 Datasheet HTML 8Page - STMicroelectronics L9026 Datasheet HTML 9Page - STMicroelectronics L9026 Datasheet HTML 10Page - STMicroelectronics L9026 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 60 page
background image
Table 2. HTSSOP-24 pins list
Pin number
Symbol
Function
1
VBATT
Battery voltage
2
SOURCE0
HS Source 0
3
DRAIN7
LS/HS Drain 7
4
SOURCE7
LS/HS Source 7
5
DRAIN6
LS/HS Drain 6
6
SOURCE6
LS/HS Source 6
7
DRAIN5
LS/HS Drain 5
8
SOURCE5
LS/HS Source 5
9
IN1
Parallel command input 1
10
IN0
Parallel command input 0
11
GND
Ground pin
12
IDLE
Idle function
13
VDDIO
IO supply
14
SO
SPI output stream
15
CLK
SPI clock
16
NCS
SPI Chip Select
17
SI
SPI input stream
18
DRAIN4
LS/HS Drain 4
19
SOURCE4
LS/HS Source 4
20
DRAIN3
LS/HS Drain 3
21
SOURCE3
LS/HS Source 3
22
DRAIN2
LS/HS Drain 2
23
SOURCE2
LS/HS Source 2
24
SOURCE1
HS Source 1
L9026
Pins description
DS13397 - Rev 9
page 7/60



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com