Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9026 Datasheet(PDF) 13 Page - STMicroelectronics

Part # L9026
Description  Automotive configurable multi-channel relay driver 2HS 6HS/LS
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9026 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button L9026 Datasheet HTML 9Page - STMicroelectronics L9026 Datasheet HTML 10Page - STMicroelectronics L9026 Datasheet HTML 11Page - STMicroelectronics L9026 Datasheet HTML 12Page - STMicroelectronics L9026 Datasheet HTML 13Page - STMicroelectronics L9026 Datasheet HTML 14Page - STMicroelectronics L9026 Datasheet HTML 15Page - STMicroelectronics L9026 Datasheet HTML 16Page - STMicroelectronics L9026 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 60 page
background image
6
Power supply
6.1
Overview
The L9026 is fed by two supply voltages:
•
VBATT (general supply for analog and digital part)
•
VDDIO (supply for digital and output buffers)
The supply lines are monitored against under voltage: in case under voltage condition is detected the IC reacts as
per the following:
•
An under voltage on VBATT supply voltage prevents the activation of the power stages.
•
An under voltage on VDDIO supply prevents any SPI communication and SPI read/write registers are reset
to default values.
The combination of the different under voltage conditions is reported in Table 8.
Table 8. Supply ranges
VDDIO ≤ VDDIO(UV)
VDDIO > VDDIO(UV)
VBATT ≤ VBATT_uv
channels cannot be controlled
channels cannot be controlled
SPI registers reset
SPI registers available
SPI communication not available
SPI communication possible
Limp Home mode not available
Limp Home mode available(channels are OFF)
VBATT > VBATT_uv
channels cannot be controlled by SPI (INn functionality
still available)
channels can be switched ON and OFF
SPI registers reset
SPI registers available
SPI communication not available
SPI communication possible
6.2
Battery supply (VBATT)
This pin is the general supply for analog and digital part unless an undervoltage condition is detected on VBATT.
In this case, provided VDDIO is still in range, the logic is supplied by the VDDIO itself. The Table 9 summarizes
the functional ranges dependent on battery supply voltage.
Table 9. VBATT electrical performance
Symbol
Parameter
Test condition
Min Typ Max Unit
VBATT
Supply Voltage Range for normal operations
3 V ≤ VDD ≤ 5.5 V
6
-
18
V
VBATT
Upper Supply Voltage Range for extended operations
3 V ≤ VDD ≤ 5.5 V
18
-
28
V
VBATT Low Voltage Low Voltage Range Cranking(1)
3 V ≤ VDD ≤ 5.5 V
3
-
6
V
1. Possible degradation of electrical parameters linked to battery line. Full functional operation will resume without operator
intervention when battery voltage returns to Normal Operating Voltage Range.
The device operates on 12 V system. Transient operation for these systems can reach 40 V maximum. Particular
care has to be taken in PCB manufacturing to keep thermal dissipation to a reasonable level.
•
For VBATT < VBATT(UV) the device is in a safety state (internal circuitries are on but all the outputs are off).
•
For VBATT up to 40 V all the functions are granted with increased power dissipation and no reset is
asserted during transient.
L9026
Power supply
DS13397 - Rev 9
page 13/60



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com