Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9026 Datasheet(PDF) 9 Page - STMicroelectronics

Part # L9026
Description  Automotive configurable multi-channel relay driver 2HS 6HS/LS
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9026 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button L9026 Datasheet HTML 5Page - STMicroelectronics L9026 Datasheet HTML 6Page - STMicroelectronics L9026 Datasheet HTML 7Page - STMicroelectronics L9026 Datasheet HTML 8Page - STMicroelectronics L9026 Datasheet HTML 9Page - STMicroelectronics L9026 Datasheet HTML 10Page - STMicroelectronics L9026 Datasheet HTML 11Page - STMicroelectronics L9026 Datasheet HTML 12Page - STMicroelectronics L9026 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 60 page
background image
4
Product characteristics
4.1
Absolute maximum ratings
This part may be irreparably damaged if taken outside the specified Absolute Maximum Ratings. Operation above
the absolute maximum ratings may also cause a decrease in reliability.
The operating junction temperature range is -40 °C to +150 °C. The maximum junction temperature must not be
exceeded. All voltages are referred to analog ground pin GND.
Table 4. Absolute maximum rating capability
Symbol
Type
Test condition
Min
Typ
Max
Unit Pin type
VBATT
Global
tON = 400 ms; tON/tOFF = 10 %; limited
to 100 pulses
-0.3
-
42
V
S
VDDIO
Local -
-0.3
-
20
V
S
-VBATT(REV) Global
Reverse polarity voltageT = 25 °C, t <
2min, RL=70 Ω on all channels, with
exposed pad floating
-
-
16
V
S
VOUT_S
Global Power transistor source voltage
-16
-
Min[VOUT_D + 0.3, 42]
V
O
VOUT_D
Global
Power transistor drain voltage
(VOUT_S ≥ 0 V)
VOUT_S - 0.3
-
42
V
O
VIDLE
Local -
-0.3
-
20
V
I
VIN0
Local -
-0.3
-
20
V
I
VIN1
Local -
-0.3
-
Min[VDDIO + 0.3, 20]
V
I
VNCS
Local -
-0.3
-
20
V
I
VCLK
Local -
-0.3
-
20
V
I
VSI
Local -
-0.3
-
20
V
I
VSO
Local -
-0.3
-
Min[VDDIO + 0.3, 20]
V
O
VIN
Local Applies to : VNRES VDIS
-0.3
-
20
V
I
Table 5. ESD requirements
Item
Test condition
Min.
Max.
Unit
All pins
HBM
-2
2
kV
All pins
CDM (values for corner
pins in brackets)
-500/(-750)
500/(750)
V
Pins to connector (1)
HBM
-4
4
kV
1. All pins are connected to GND.
4.2
Latchup trials
Latch-up tests performed according to JEDEC 78 class 2 Level A
L9026
Product characteristics
DS13397 - Rev 9
page 9/60



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com