Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9026 Datasheet(PDF) 17 Page - STMicroelectronics

Part # L9026
Description  Automotive configurable multi-channel relay driver 2HS 6HS/LS
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9026 Datasheet(HTML) 17 Page - STMicroelectronics

Back Button L9026 Datasheet HTML 13Page - STMicroelectronics L9026 Datasheet HTML 14Page - STMicroelectronics L9026 Datasheet HTML 15Page - STMicroelectronics L9026 Datasheet HTML 16Page - STMicroelectronics L9026 Datasheet HTML 17Page - STMicroelectronics L9026 Datasheet HTML 18Page - STMicroelectronics L9026 Datasheet HTML 19Page - STMicroelectronics L9026 Datasheet HTML 20Page - STMicroelectronics L9026 Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 60 page
background image
6.7
Sleep mode
In Sleep mode, the outputs of L9026 are OFF and the SPI registers are reset to default values. The current
consumption is reduced to the IVDDIO(SLEEP) and IVBATT(SLEEP).
6.8
Idle mode
In Idle mode, the current consumption of the device reaches the parameters IVDDIO(IDLE) and IVBATT(IDLE).
ON diagnosis functions are not available. During IDLE mode the output channels are disabled. The SPI
communication is properly working, when the VDDIO is present.
6.9
Active mode
The Active mode is needed when there are loads to drive. The current consumption is described through these
two parameters: IVDDIO(ACTIVE) and IVBATT(ACTIVE).
In case CFG_1.ACT is set to “1”, the device enters in Active mode and remains in this state independently on the
status of input pins, of internal PWM generators and PWM_SPI.OUTn bits.
Otherwise, in case the bit CFG_1.ACT is not set, in order to move the device in Active mode all conditions below
are needed:
•
the IDLE pin set to “high”
•
the outputs configured as driven either by external pins (through MAPIN0, MAPIN1 registers) or by SPI (at
least one PWM_SPI.OUTn bit is set to “1”) or by the internal PWM generators (through MAP_PWM)
•
at least one channel enabled
In this scenario, the device returns to Idle mode as soon as IDLE pin is set to “low”, all inputs pins are set to “low”,
all PWM_SPI.OUTn bits are set to “0” and all the internal pwm generators are OFF.
Being the IDLE pin asserted high, an under voltage condition on VDDIO supply brings the device into Idle mode
once all INn input pins are set to “low”, on top of the setting of the bit CFG_1.ACT.
L9026
Power supply
DS13397 - Rev 9
page 17/60



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com