Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9026 Datasheet(PDF) 39 Page - STMicroelectronics

Part # L9026
Description  Automotive configurable multi-channel relay driver 2HS 6HS/LS
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9026 Datasheet(HTML) 39 Page - STMicroelectronics

Back Button L9026 Datasheet HTML 35Page - STMicroelectronics L9026 Datasheet HTML 36Page - STMicroelectronics L9026 Datasheet HTML 37Page - STMicroelectronics L9026 Datasheet HTML 38Page - STMicroelectronics L9026 Datasheet HTML 39Page - STMicroelectronics L9026 Datasheet HTML 40Page - STMicroelectronics L9026 Datasheet HTML 41Page - STMicroelectronics L9026 Datasheet HTML 42Page - STMicroelectronics L9026 Datasheet HTML 43Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 60 page
background image
11
SPI
The SPI interface is used to configure the device, control the outputs and read diagnostic and status registers.
11.1
SPI protocol
The SPI (serial peripheral interface) is a full duplex serial out of frame slave interface made of four lines SO, SI,
CLK and NCS. MOSI and MISO are the lines through which the data is transferred.
Considering the out-of-frame protocol implemented, it is important to ignore the first MISO received at the start of
communication because it is meaningless.
The falling edge of NCS defines the start of the SPI frames. L9026 samples the MOSI line (SI) at the rising edge
of CLK while the output data is shifted out on line MISO (SO) at the falling edge of CLK. (CPOL=’0’, CPHA = ‘0’).
End of SPI access is defined by a rising edge of NCS.
L9026 implements feature to guarantee that SPI frame is considered valid when at least 16 bits have been
transferred: in case of transaction with less than 16 bits is received, the frame will be discarded and ERR bit is
asserted in the next SPI frame. An SPI access with frame longer than 16 bits will not be discarded in order to
allow daisy chain operation.
As additional safety feature, the protocol is also equipped with 1 PARITY bit (odd parity) and a 1 bit frame
counter; the frame counter value to be considered at the beginning of a new communication session after a reset
action is "0". In case an incorrect frame counter value is detected, ERR bit is asserted in the next SPI frame. The
detailed structure of MOSI and MISO frames is shown in Section 11.5: SPI frame structure.
The relationship between MOSI and MISO content during SPI communication is shown in Figure 19: the protocol
implements an out-of-frames strategy.
Figure 19. SPI out-of-frame protocol
During the Limp Home the SPI is in read only mode while no SPI access is possible during device Sleep Mode:
eventual frames are ignored and MISO pin remains in high impedance.
L9026
SPI
DS13397 - Rev 9
page 39/60



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com