Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9026 Datasheet(PDF) 16 Page - STMicroelectronics

Part # L9026
Description  Automotive configurable multi-channel relay driver 2HS 6HS/LS
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9026 Datasheet(HTML) 16 Page - STMicroelectronics

Back Button L9026 Datasheet HTML 12Page - STMicroelectronics L9026 Datasheet HTML 13Page - STMicroelectronics L9026 Datasheet HTML 14Page - STMicroelectronics L9026 Datasheet HTML 15Page - STMicroelectronics L9026 Datasheet HTML 16Page - STMicroelectronics L9026 Datasheet HTML 17Page - STMicroelectronics L9026 Datasheet HTML 18Page - STMicroelectronics L9026 Datasheet HTML 19Page - STMicroelectronics L9026 Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 60 page
background image
Table 10. Functions availability in different supply conditions
Function
Undervoltage condition on VBATT
VBATT not in undervoltage
Operating modes
VDDIO ≤
VDDIOUV
VDDIO > VDDIOUV VDDIO ≤ VDDIOUV VDDIO > VDDIOUV
Channels
u
u
u
u
Sleep
u
u
u
u
Idle
u
u
a (1)
a
Active
u
u
a (1)
a (1)
Limp Home
SPI communication
u
u
u
u
Sleep
u
a
u
a
Idle
u
a
u
a
Active
u
a (2)
u
a (2)
Limp Home
SPI registers
r
r
r
r
Sleep
r
a
r
a
Idle
r
a
r
a
Active
r
a (2)
r
a (2)
Limp Home
1. IN pins only.
2. Read only.
where:
•
"a" stands for available
•
"u" stands for unavailable
•
"r" stands for reset
6.4
Analog & Digital supply (VBATT)
The VBATT is used to supply the internal logic, analog and digital, in normal condition (no under voltage on
VBATT) and the output loads.
In case the voltage drops below VBATT(UV_L) the under voltage mechanism is triggered and the bit
STA_1.VS_UV is reported via SPI. Once the faulty condition disappears (VBATT > VBATT(UV_H)), the bit remains
latched until its status is acknowledged by the microcontroller via SPI.
Under voltage condition on VBATT influences the status of the channels as described in Table 8.
6.5
I/O Supply (VDDIO)
VDDIO is the supply for all pins that interface with the external microcontroller and also work as feed for the
internal logic if VBATT is in under voltage condition.
In case the voltage drops below VDDIO(UV) the under voltage mechanism is triggered and the bit STA_1.
VDD_UV is reported via SPI. This is valid if digital POR_N is ‘1’. For all conditions that generate a POR_N=0, a
dedicated clear on read STA_1.POR_N bit is set. Once the faulty condition disappears, the bit remains latched
until its status is acknowledged by the microcontroller via SPI.
6.6
Power up
The IC performs Power-up procedure when VBATT is applied to the device and the INn or IDLE pins are
set to “high”.
To complete power-up procedure VBATT > 6 V (min Supply Voltage Range for normal operations) shall be
applied, no matter which voltage is present on VDDIO, that may also be left disconnected.
Only after power completion, the device is fully able to guarantee the behavior as described in the Table 8 and
Section 6.3.
L9026
Power supply
DS13397 - Rev 9
page 16/60



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com